Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7500 Datasheet(PDF) 34 Page - WIZnet Co., Ltd

Part # W7500
Description  Microcontrollers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7500 Datasheet(HTML) 34 Page - WIZnet Co., Ltd

Back Button W7500 Datasheet HTML 30Page - WIZnet Co., Ltd W7500 Datasheet HTML 31Page - WIZnet Co., Ltd W7500 Datasheet HTML 32Page - WIZnet Co., Ltd W7500 Datasheet HTML 33Page - WIZnet Co., Ltd W7500 Datasheet HTML 34Page - WIZnet Co., Ltd W7500 Datasheet HTML 35Page - WIZnet Co., Ltd W7500 Datasheet HTML 36Page - WIZnet Co., Ltd W7500 Datasheet HTML 37Page - WIZnet Co., Ltd W7500 Datasheet HTML 38Page - WIZnet Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
34 / 38
5.9 Reset & PLL Characteristics
PLL Electrical characteristics
Table 20 shows the PLL characteristics of W7500x
Table 20 PLL electrical characteristics
Symbol
Parameter
Min
Max
Unit
td
RSTn to PD delay time
5
-
us
trst
Reset pulse width
2
-
us
tlock
Lock time
-
0.2
ms
Notice:
PLL_PDR[0] is LSB of PLL_PDR. please refer from Reference Manual.
lock signal is internal signal.
1, td is the RSTn to PLL_PDR[0] delay time, which need larger than 5us.
2, trst is the reset pulse width, which need larger than 2us.
3, tlock is the lock time, which is less than 0.2ms.
4, When PLL_PDR[0] changes from “1” to “0”, the lock signal stays in “1” until a reset
pulse comes. But the PLL is in unlocked state during this period.
Figure 9 Power Down operation Timing Sequence for PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com