Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLE600VX Datasheet(PDF) 1 Page - Compex Systems Pte. Lte.

Part # WLE600VX
Description  Dual Band 5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPEX [Compex Systems Pte. Lte.]
Direct Link  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

WLE600VX Datasheet(HTML) 1 Page - Compex Systems Pte. Lte.

  WLE600VX Datasheet HTML 1Page - Compex Systems Pte. Lte. WLE600VX Datasheet HTML 2Page - Compex Systems Pte. Lte. WLE600VX Datasheet HTML 3Page - Compex Systems Pte. Lte. WLE600VX Datasheet HTML 4Page - Compex Systems Pte. Lte. WLE600VX Datasheet HTML 5Page - Compex Systems Pte. Lte.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
wireless 11ac modules
Last Updated: 17/02/20
KEY FEATURES
•
Qualcomm Atheros QCA9882
•
2.4GHz max 21dBm & 5GHz max 20dBm output
power (per chain)
•
IEEE 802.11ac compliant & backward compatible with
802.11a/b/g/n
•
2x2 MIMO Technology, up to 867Mbps
•
Mini PCI Express edge connector
•
Supports Spatial Multiplexing, Cyclic-Delay Diversity
(CDD), Low-Density Parity Check (LDPC) Codes,
Maximal Ratio Combining (MRC), Space Time Block
Code (STBC)
•
Supports IEEE 802.11d, e, h, i, k, r, v time stamp, and w
standards
•
Supports Dynamic Frequency Selection (DFS)
•
Cards are individually calibrated for Quality
Assurance
Dual Band 5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
Designed for Dual Band Wireless Access Points
Specifications
Chipset
QCA9882
Reference Design
XB140
Host Interface
Mini PCI Express 1.1 Standard
Operating Voltage
3.3V DC
Antenna Connector
2x U.FL
Frequency Range
2.4GHz: 2.412GHz to 2.472GHz, or
5GHz: 5.150GHz to 5.825GHz, selectable dual band
Certification
FCC & CE Certified, REACH & RoHS Compliance
Power Consumption
3.5W (Max)
Supported Operating System
Supported by CompexWRT with Qualcomm Atheros reference wireless drivers or
OpenWRT/LEDE with ath10k wireless drivers,
on WPJ344, WPJ558, WPJ563, WPJ564, WPQ864, and WPQ865.
Modulation Techniques
OFDM: BPSK, QPSK, DBPSK, DQPSK, 16-QAM, 64-QAM, 256-QAM
Environmental Temperature
Operating: -20°C to 70°C, Storage: -40°C to 90°C
Environmental Humidity, non-condensing
Operating: 5% to 95%, Storage: Max. 90%
ESD Sensitivity
Class 1C
Dimensions (W × H × D)
30.0mm × 50.9mm × 3.2mm
Model: WLE600VX


Similar Part No. - WLE600VX

ManufacturerPart #DatasheetDescription
logo
Compex Systems Pte. Lte...
WLE600VX-I COMPEX-WLE600VX-I Datasheet
314Kb / 5P
Dual Band 2.4GHz/5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
More results

Similar Description - WLE600VX

ManufacturerPart #DatasheetDescription
logo
Compex Systems Pte. Lte...
WLE200NX COMPEX-WLE200NX Datasheet
302Kb / 4P
Dual Band 2x2 MIMO 802.11n Mini PCIe Module
WLE650V5-18A COMPEX-WLE650V5-18A Datasheet
871Kb / 4P
5GHz 2x2 MU-MIMO 802.11ac Mini PCIe WiFi Module
WLE900VX COMPEX-WLE900VX Datasheet
947Kb / 5P
Dual Band 2.4 & 5 GHz 3x3 MIMO 802.11ac Mini PCIe WiFi Module
WLE200N2 COMPEX-WLE200N2 Datasheet
405Kb / 3P
Dual Band 2x2 MIMO 802.11n Mini PCIe Module
WLE600V5-27ESD COMPEX-WLE600V5-27ESD Datasheet
1Mb / 5P
Single Band 5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE600VX-I COMPEX-WLE600VX-I Datasheet
314Kb / 5P
Dual Band 2.4GHz/5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE650V5-25A COMPEX-WLE650V5-25A Datasheet
1,009Kb / 4P
5GHz 2x2 MU-MIMO 802.11ac Mini PCIe WiFi Module
WLE900V5-27ESD COMPEX-WLE900V5-27ESD Datasheet
1Mb / 5P
Dual Band 2.4 & 5 GHz 3x3 MIMO 802.11ac Mini PCIe WiFi Module
WLE900VX-I COMPEX-WLE900VX-I Datasheet
340Kb / 5P
Dual Band 2.4 & 5 GHz 3x3 MIMO 802.11ac Mini PCIe WiFi Module
WLE1216VX-I COMPEX-WLE1216VX-I Datasheet
632Kb / 5P
Dual Band 4x4 802.11ac Wave 2 Mini PCIe WiFi Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com