Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP173WF1 Datasheet(PDF) 4 Page - LG Semicon Co.,Ltd.

Part # LP173WF1
Description  17.3??FHD TFT LCD
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WF1 Datasheet(HTML) 4 Page - LG Semicon Co.,Ltd.

  LP173WF1 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Product Specification
4/ 26
LP173WF1
Liquid Crystal Display
Ver. 1.0
Jan.18.2010
1. General Description
Active Screen Size
17.3 inches diagonal
Outline Dimension
398.1(H, Typ.)
232.8(V, Typ.)
6.0(D, Max.) mm
Pixel Pitch
0.1989 X 0.1989 mm
Pixel Format
1920 horiz. by 1080 vert. Pixels RGB strip arrangement
Color Depth
6-bit, 262,144 colors
Luminance, White
200 cd/m2(Typ., @ ILED=22mA)
Power Consumption
Total 8.5W(Typ.) Logic : 2.0W (Typ.@ Mosaic), B/L : 6.5W (Typ.@ VLED 12V )
Weight
580g (Max.)
Display Operating Mode
Transmissive mode, normally white
Surface Treatment
Glare treatment (3H) of the front Polarizer
RoHS Compliance
Yes
BFR / PVC / As Free
Yes for all
The LP173WF1 is a Color Active Matrix Liquid Crystal Display with an integral LED backlight system. The
matrix employs a-Si Thin Film Transistor as the active element. It is a transmissive type display operating in
the normally white mode. This TFT-LCD has 17.3 inches diagonally measured active display area with FHD
resolution (1920 horizontal by 1080 vertical pixel array). Each pixel is divided into Red, Green and Blue sub-
pixels or dots which are arranged in vertical stripes. Gray scale or the brightness of the sub-pixel color is
determined with a 6-bit gray scale signal for each dot, thus, presenting a palette of more than 262,144
colors. The LP173WF1 has been designed to apply the interface method that enables low power, high
speed, low EMI. The LP173WF1 is intended to support applications where thin thickness, low power are
critical factors and graphic displays are important. In combination with the vertical arrangement of the sub-
pixels, the LP173WF1 characteristics provide an excellent flat display for office automation products such as
Notebook PC.
General Features
Control & Data
Power
EDID signal & Power
TFT-LCD Panel
(FHD, GIP, TN)
1
Timing Control
(Tcon) Block
Timing Control
(Tcon) Block
40
EEPROM Block
for EDID
EEPROM Block
for EDID
Source Driver
(Bottom Bent)
LED Backlight Ass’y
TCLKs
LVDS
2port
VCC
LED Driver
Block
LED Driver
Block
FB1~6
EEPROM Block
for Tcon Operating
EEPROM Block
for Tcon Operating
Power
Block
Power
Block
DVCC, AVDD
VGH, VGL, GMA
Mini-L
VDS
GIP CLKs, DSC
VOUT_LED
DVCC
VLED
LED_EN
PWM
1080
1920



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com