| Electronic Components Datasheet Search |
|
LP173WF4 Datasheet(PDF) 28 Page - LG Semicon Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LP173WF4 Datasheet(HTML) 28 Page - LG Semicon Co.,Ltd. |
|
28 / 31 page ![]() Product Specification LP173WF4 Liquid Crystal Display Ver. 0.0 Oct. 15, 2013 28 / 31 Since a module is composed of electronic circuits, it is not strong to electrostatic discharge. Make certain that treatment persons are connected to ground through wrist band etc. And don’t touch interface pin directly. 9-3. ELECTROSTATIC DISCHARGE CONTROL Strong light exposure causes degradation of polarizer and color filter. 9-4. PRECAUTIONS FOR STRONG LIGHT EXPOSURE 9-5. STORAGE (1) When the protection film is peeled off, static electricity is generated between the film and polarizer. This should be peeled off slowly and carefully by people who are electrically grounded and with well ion-blown equipment or in such a condition, etc. (2) The protection film is attached to the polarizer with a small amount of glue. If some stress is applied to rub the protection film against the polarizer during the time you peel off the film, the glue is apt to remain on the polarizer. Please carefully peel off the protection film without rubbing it against the polarizer. (3) When the module with protection film attached is stored for a long time, sometimes there remains a very small amount of glue still on the polarizer after the protection film is peeled off. (4) You can remove the glue easily. When the glue remains on the polarizer surface or its vestige is recognized, please wipe them off with absorbent cotton waste or other soft material like chamois soaked with normal-hexane. 9-6. HANDLING PRECAUTIONS FOR PROTECTION FILM When storing modules as spares for a long time, the following precautions are necessary. (1) Store them in a dark place. Do not expose the module to sunlight or fluorescent light. Keep the temperature between 5 C and 35C at normal humidity. (2) The polarizer surface should not come in contact with any other object. It is recommended that they be stored in the container in which they were shipped. 9-7. THE LGD QA RESPONSIBILITY WILL BE AVOIDED IN CASE OF BELOW (1) When the customer attaches TSM(Touch Sensor Module) on LCM without Supplier’s approval. (2) When the customer attaches cover glass on LCM without Supplier’s approval. (3) When the LCMs were repaired by 3rd party without Supplier’s approval. (4) When the LCMs were treated like Disassemble and Rework by the Customer and/or Customer’s representatives without supplier’s approval. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |