Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR4403 Datasheet(PDF) 3 Page - PREMA Semiconductor.

Part # PR4403
Description  0.9 V Boost Driver PR4403 for White LEDs in Solar Lamps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR4403 Datasheet(HTML) 3 Page - PREMA Semiconductor.

  PR4403 Datasheet HTML 1Page - PREMA Semiconductor. PR4403 Datasheet HTML 2Page - PREMA Semiconductor. PR4403 Datasheet HTML 3Page - PREMA Semiconductor. PR4403 Datasheet HTML 4Page - PREMA Semiconductor. PR4403 Datasheet HTML 5Page - PREMA Semiconductor. PR4403 Datasheet HTML 6Page - PREMA Semiconductor. PR4403 Datasheet HTML 7Page - PREMA Semiconductor. PR4403 Datasheet HTML 8Page - PREMA Semiconductor. PR4403 Datasheet HTML 9Page - PREMA Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LED Driver PR4403
Electrical Characteristics
Vcc = 1.5 V, Ta = 25°C, 10 – 14.7 µH: one white LED / 4.7-6.8µH: two white LEDs in parallel, unless otherwise noted.
Parameter
Conditions
Min
Typ.
Max
Units
Supply Voltage,
min. operating
min. startup
max. operating
L1 = 10...14.7 µH
Ta = 25°C
1.90
0.70
0.90
0.80
0.95
[V]
[V]
[V]
Supply Voltage,
min. operating
min. startup
max. operating
L1 = 10...14.7 µH
Ta = 0...60°C
1.90
0.80
1.00
0.90
1.05
[V]
[V]
[V]
LED Mean Current (at VLS < Voff)
measured with L1 type LQH32CN
Murata
L1 = 47 µH
L1 = 32 µH
L1 = 26.7 µH
L1 = 22 µH
L1 = 14.7 µH
L1 = 10 µH
L1 = 6.8 µH
L1 = 4.7 µH
6.5
8.3
10.8
12
15
23
32
40
[mA]
[mA]
[mA]
[mA]
[mA]
[mA]
[mA]
[mA]
Switching Current at Vout
Vout = 0.4 V
250
[mA]
Switching Frequency
500
[kHz]
Threshold Voff at LS *)
Vcc > 950 mV
Ta = 25°C
Ta = 0...60°C
0.26
0.27
0.28
[V]
[V]
Threshold Von at LS *)
Vcc > 950 mV
Ta = 25°C
Ta = 0...60°C
0.21
0.22
0.23
[V]
[V]
Quiescent supply current
VLS > Voff
VLS < Von
Vcc > 850 mV
Vcc = 600 mV
Vcc = 400 mV
Vcc > 850 mV
Vcc = 600 mV
Vcc = 400 mV
100
50
< 10
8
100
< 10
[µA]
[µA]
[µA]
[mA]
[µA]
[µA]
Input resistance of LS input
series resistor R1
resistor to Gnd R2
30
400
[k ]
Ω
[k ]
Ω
Internal reference (bandgap)
Vref
200
[mV]
Efficiency
80
[%]
Vout
15
[V]
© PREMA Semiconductor GmbH 2006-2014 I rev. 1014
Page 3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com