Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C3364NTF32B Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS7C3364NTF32B
Description  3.3V 64K x 32/36 Flowthrough Synchronous SRAM with NTD
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3364NTF32B Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS7C3364NTF32B Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
®
AS7C3364NTF32B/36B
4/28/05, v 1.0
Alliance Semiconductor
P. 8 of 19
DC electrical characteristics for 3.3V I/O operation
DC electrical characteristics for 2.5V I/O operation
† LBO pin has an internal pull-up and input leakage = -10
µA.
*VIH max < VDD +1.5V for pulse width less than 0.2 X tCYC
**VIL min = -1.5 for pulse width less than 0.2 X tCYC
IDD operating conditions and maximum limits
Parameter
Sym
Conditions
Min
Max
Unit
Input leakage current†
|ILI|VDD = Max, 0V < VIN < VDD
-2
2
µA
Output leakage current
|ILO|OE ≥ VIH, VDD = Max, 0V < VOUT < VDDQ
-2
2
µA
Input high (logic 1) voltage
VIH
Address and control pins
2*
VDD+0.3
V
I/O pins
2*
VDDQ+0.3
Input low (logic 0) voltage
VIL
Address and control pins
-0.3**
0.8
V
I/O pins
-0.5**
0.8
Output high voltage
VOH
IOH = –4 mA, VDDQ = 3.135V
2.4
–
V
Output low voltage
VOL
IOL = 8 mA, VDDQ = 3.465V
–
0.4
V
Parameter
Sym
Conditions
Min
Max
Unit
Input leakage current†
|ILI|VDD = Max, 0V < VIN < VDD
-2
2
µA
Output leakage current
|ILO|OE ≥ VIH, VDD = Max, 0V < VOUT < VDDQ
-2
2
µA
Input high (logic 1) voltage
VIH
Address and control pins
1.7*
VDD+0.3
V
I/O pins
1.7*
VDDQ+0.3
V
Input low (logic 0) voltage
VIL
Address and control pins
-0.3**
0.7
V
I/O pins
-0.3**
0.7
V
Output high voltage
VOH
IOH = –4 mA, VDDQ = 2.375V
1.7
–
V
IOH = –1 mA, VDDQ = 2.375V
2.0
–
Output low voltage
VOL
IOL = 8 mA, VDDQ = 2.625V
–
0.7
V
IOL = 1 mA, VDDQ = 2.625V
–
0.4
Parameter
Sym
Conditions
-75
-80
-10
Unit
Operating power supply current1
1 ICC given with no output loading. ICC increases with faster cycle times and greater output loading.
ICC
CE0 < VIL, CE1 > VIH, CE2 < VIL, f = fMax,
IOUT = 0 mA, ZZ < VIL
260
230
200
mA
Standby power supply current
ISB
All VIN ≤ 0.2V or > VDD – 0.2V, Deselected,
f = fMax, ZZ < VIL
110
100
90
mA
ISB1
Deselected, f = 0, ZZ
< 0.2V,
all VIN ≤ 0.2V or ≥ VDD – 0.2V
30
30
30
ISB2
Deselected, f = fMax, ZZ ≥ VDD – 0.2V,
all VIN ≤ VIL or ≥ VIH
30
30
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com