Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS25BA Datasheet(PDF) 23 Page - STMicroelectronics

Part # LIS25BA
Description  MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BA Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LIS25BA Datasheet HTML 19Page - STMicroelectronics LIS25BA Datasheet HTML 20Page - STMicroelectronics LIS25BA Datasheet HTML 21Page - STMicroelectronics LIS25BA Datasheet HTML 22Page - STMicroelectronics LIS25BA Datasheet HTML 23Page - STMicroelectronics LIS25BA Datasheet HTML 24Page - STMicroelectronics LIS25BA Datasheet HTML 25Page - STMicroelectronics LIS25BA Datasheet HTML 26Page - STMicroelectronics LIS25BA Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
DocID031510 Rev 4
23/32
LIS25BA
Features
32
6
Features
6.1
Self-test mode
In self-test mode the mechanical element is stimulated by electrostatic force to obtain an
equivalent input force applied to the sensor. This equivalent input force applied has to be
comparable with the full-scale range in order to have an effective self-test mode.
The self-test mode can be enabled using the I²C interface, setting the ST bit in register
TEST_REG (0Bh) to ‘1’.
For the self-test values of each axis please refer to Table 3: Mechanical characteristics.
6.2
Power cycle/reset information
6.2.1
TDM interface power-on sequence
In TDM, the LIS25BA starts in disabled mode with the following sequence.
Figure 13. Power-on sequence (TDM interface)
In Figure 13 T0 represents the time when Vdd reaches 90% of the final value.
After TDIS = 5.5 ms the LIS25BA reaches the disabled mode condition.
The TDM interface must be activated explicitly with I²C configuration. The first 3 samples
after the enabling of the TDM may be invalid samples due to the fact that the interface
should sync on the external WCLK. The samples will be invalid also after any subsequent
Disable-Enable transition that may happen. TDM protocol can be changed on the fly, but
also in this case the first 3 samples after the TDM configuration change will be invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com