Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PW510 Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PW510
Description  CATV Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PW510 Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PW510 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PW510 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PW510 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.prewell.com
2
CATV Amplifier
SJM PREWELL
PW510
Products and product information are subject to change without notice. Version 0.3
0
200
400
600
800
1000
-30
-20
-10
0
10
20
30
S22
S11
25℃
-40℃
85℃
Frequency (MHz)
S21
0
200
400
600
800
1000
0
1
2
3
4
5
6
25℃
Frequency (MHz)
NF vs. Frequency
0
200
400
600
800
1000
0
5
10
15
20
25
30
25℃
Frequency (MHz)
P1dB vs Frequency
0
200
400
600
800
1000
0
10
20
30
40
50
60
25℃
Frequency (MHz)
OIP3 vs Frequency
(+5dBm/Tone, 1MHz Spacing)
0
200
400
600
800
45
50
55
60
65
70
75
25℃
Frequency (MHz)
CSO vs. Frequency
132 channels, +15dBmV/channel flat loading
0
200
400
600
800
60
65
70
75
80
85
90
25℃
Frequency (MHz)
CTB vs. Frequency
132 channels, +25dBmV/channel flat loading
45 -1000MHz CATV Application Circuit
Recommended Bias Values
SupplyVoltage(V)
RBIASValue(ohm)
Size
6
6.8
0805
7
18.6
1210
8
30.4
1210
9
42.1
2010
10
53.9
2010
12
77.4
2512
1)Measurement forourdatasheet wasmade on1.6mmthickFR-4Board
and75ohm microstrip line.
S-parameter
NF vs. Frequency
P1dB vs. Frequency
OIP3 vs. Frequency
5dBm / Tone, 1MHz Spacing
CSO vs. Frequency
132 channels,25dBmV/channelflatloading
CTB vs. Frequency
132 channels,25dBmV/channelflatloading
RF IN
RF OUT
10nF
10nF
1uH
10nF
1uF
Supply
Voltage
RBIAS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com