Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C3364PFD32B Datasheet(PDF) 17 Page - Alliance Semiconductor Corporation

Part # AS7C3364PFD32B
Description  3.3V 64K X 32/36 pipeline burst synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3364PFD32B Datasheet(HTML) 17 Page - Alliance Semiconductor Corporation

Back Button AS7C3364PFD32B Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 14Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 15Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 16Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 17Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 18Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 19Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
®
AS7C3364PFD32B
AS7C3364PFD36B
1/31/05; v.1.1
Alliance Semiconductor
P. 17 of 19
Package Dimensions
He E
Hd
D
b
e
α
A1 A2
L1
L
c
100-pin quad flat pack (TQFP)
TQFP
Min
Max
A1
0.05
0.15
A2
1.35
1.45
b
0.22
0.38
c
0.09
0.20
D
13.90
14.10
E
19.90
20.10
e
0.65 nominal
Hd
15.85
16.15
He
21.80
22.20
L
0.45
0.75
L1
1.00 nominal
α
0°
7°
Dimensions in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com