Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

433 Datasheet(PDF) 1 Page - 3M Electronics

Part # 433
Description  433 High Temperature Aluminium Foil Tape
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

433 Datasheet(HTML) 1 Page - 3M Electronics

  433 Datasheet HTML 1Page - 3M Electronics 433 Datasheet HTML 2Page - 3M Electronics 433 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
433 High Temperature Aluminium Foil Tape
Product Data Sheet
Updated
: March 1996
Supersedes : October 1993
Product Description
No. 433 combines an
aluminium foil backing (alloy
1100-0) with a silicone
adhesive making it
a good candidate for high
temperature applications -
316
°C or more depending
on length of exposure.
Physical Properties
Not for specification purposes
Adhesive Type
Silicone (white)
Backing
Aluminium Foil
(alloy 1100-00)
Thickness (ASTM D-3652)
90 µm
Backing Thickness
50 µm
Tape Colour
Shiny silver
Shelf Life
12 months from date of despatch by 3M when stored in the
original carton at 21°C (70°F) & 50 % Relative Humid ity
Performance
Characteristics
Not for specification purposes
Adhesion to Stainless
Steel ASTM D-3330
3.3 N/10mm
Tensile Strength
ASTM D-3759
4.2 N/10mm
Elongation at Break
ASTM D-3759
7.0 %
Temperature Range
Maximum
Minimum
316 °C
-54 °C
Water Vapour
Transmission Rate
1.55 g/m²/24hrs
Weight
0.0049kg/m/24mm


Similar Part No. - 433

ManufacturerPart #DatasheetDescription
logo
Littelfuse
433 LITTELFUSE-433 Datasheet
51Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
logo
Oscilent Corporation
433 OSCILENT-433 Datasheet
134Kb / 2P
Ultra Low Jitter 1pS
logo
TE Connectivity Ltd
433 TEC-433 Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Adafruit Industries
433 ADAFRUIT-433 Datasheet
111Kb / 2P
Medium Modular Snap Boxes - SMD component storage - 2 pack - Pink
7/23/2015
logo
Keystone Electronics Co...
433 KEYSTONE-433 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results

Similar Description - 433

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2-5-425 3M-2-5-425 Datasheet
344Kb / 2P
Aluminum Foil Tape
Apr-2008
425 3M-425 Datasheet
19Kb / 3P
425 Aluminium Foil Tape
Mar-1996
1517CW 3M-1517CW Datasheet
209Kb / 2P
Venture Tape™ Aluminum Foil Tape
Aug-2017
1520CW 3M-1520CW Datasheet
252Kb / 2P
Venture Tape™ Aluminum Foil Tape
Jan-2017
1580-P 3M-1580-P Datasheet
251Kb / 2P
Venture Tape™ UL181B Aluminum Foil Tape
Sep-2017
3520CW 3M-3520CW Datasheet
236Kb / 2P
Venture Tape??Aluminum Foil Tape
3363 3M-3363 Datasheet
29Kb / 2P
Aluminum Foil Tape
3380 3M-3380 Datasheet
28Kb / 2P
Aluminum Foil Tape
3369 3M-3369 Datasheet
34Kb / 2P
Aluminum Foil Tape
3326 3M-3326 Datasheet
17Kb / 2P
Foil Tape
July, 2005
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com