Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

558 Datasheet(PDF) 1 Page - 3M Electronics

Part # 558
Description  Self-Stripping Electrical Tap Connector 558
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

558 Datasheet(HTML) 1 Page - 3M Electronics

  558 Datasheet HTML 1Page - 3M Electronics 558 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3M
™ Scotchlok™
Self-Stripping Electrical Tap
Connector 558
Data Sheet
November 2010
Applications
3M™ Scotchlok™ Self-stripping Electrical Tap Connector 558 is used to electrically
connect a (tap) wire end to a through (run) wire and insulate the connection.
Agency Approvals,
Self Certifications,
Mil Specs
Meets requirements of:
UL Listed, Standard 486C, UL File E23438
CSA Certified, CSA Standard C22.2, No. 0.188-MI983, CSA File No. LR15503,
LR32411
Wire Range
22-16 AWG solid or stranded, tinned or untinned (.5-1.5 mm
2 str.) copper conductors.
For use with common thermoplastic insulated wires such as: T, TF, TFF, TFN, TFFN,
AWM, TEW, SAE-GPT with a maximum insulation diameter of .120” (3,0 mm).
Maximum recommended current for general purpose:
22 AWG
3 AMPS
20 AWG
4 AMPS
18 AWG
7 AMPS
16 AWG
10 AMPS
Construction
U-Contact:
Tin-plated brass, .02 in. (0,5 mm) thick
Insulator:
Flame-retardant polypropylene
Color:
Red
Specifications
Voltage Rating:
600 volts maximum, building wire
1000 volts signs, fixtures and luminaires
Temperature Rating:
105ºC (221ºF)
Weight:
.0033 lbs (1,50 gm)
Engineering/
Architect
Specification
The Tap Connector 558 is capable of connecting a tap wire to a run wire, in the range
of No. 22 thru No. 16 AWG solid or stranded copper. The connector shall be UL Listed
and CSA Certified for 600 volts maximum, building wire: 1000 volts maximum for signs,
fixtures and luminaires with a temperature rating of 105ºC (105ºF) maximum.
Recommended
Installation Tools
3M™ Crimping Tool E-9BM
9” Lineman’s Pliers
3
1 of 2


Similar Part No. - 558

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
558 MALLORY-558 Datasheet
95Kb / 4P
ELECTRONIC BREAKERLESS CONVERSION KIT
logo
Adafruit Industries
558 ADAFRUIT-558 Datasheet
348Kb / 3P
Rugged Metal Pushbutton with White LED Ring - 16mm White Momentary
7-20-18
logo
Dialight Corporation
558-0101-001F DIALIGHT-558-0101-001F Datasheet
135Kb / 2P
Low Current & High Efficiency Snap-in LED Panel Mount Indicators
558-0101-001F DIALIGHT-558-0101-001F Datasheet
145Kb / 2P
558 Series Snap-in LED - .156??Mounting Hole
558-0101-003F DIALIGHT-558-0101-003F Datasheet
135Kb / 2P
Low Current & High Efficiency Snap-in LED Panel Mount Indicators
More results

Similar Description - 558

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60W110-C03 ROSENBERGER-60W110-C03 Datasheet
48Kb / 1P
STRIPPING TOOL
60W107-C05 ROSENBERGER-60W107-C05 Datasheet
431Kb / 1P
STRIPPING TOOL
60W110-C06 ROSENBERGER-60W110-C06 Datasheet
29Kb / 1P
STRIPPING TOOL
logo
PHOENIX CONTACT
1204481 PHOENIX-1204481 Datasheet
50Kb / 2P
Stripping tool - CYCLOPS
logo
3M Electronics
314 3M-314 Datasheet
62Kb / 2P
Self-Stripping Moisture Resistant
804 3M-804 Datasheet
533Kb / 2P
Scotchlok??Moisture Resistant Self-Stripping Electrical Tap Connector 804
316IR 3M-316IR Datasheet
75Kb / 2P
3M??Scotchlok??Moisture Resistant Self-Stripping Electrical Spring Connector 316IR
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
logo
Molex Electronics Ltd.
63817-1800 MOLEX-63817-1800 Datasheet
1Mb / 19P
Pneumatic Stripping Machine
7-26-19
logo
3M Electronics
905 3M-905 Datasheet
82Kb / 2P
Self-Stripping Electrical Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com