Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSC50N03 Datasheet(PDF) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSC50N03
Description  N-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSC50N03 Datasheet(HTML) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSC50N03 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSC50N03 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSC50N03 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSC50N03 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSC50N03 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
20
40
60
80
100
120
00.5
1
1.5
22.5
3
VGS=10V
VGS=7V
VGS=5V
VGS=4.5V
VGS=3V
10
13
15
18
20
46
8
10
ID=30A
0
2
4
6
8
10
12
0
0.3
0.6
0.9
1.2
TJ=175℃
TJ=25℃
0
0.5
1
1.5
-50
25
100
175
0.5
1.0
1.5
2.0
-50
25
100
175
Typical Characteristics
VGS (V)
Fig.2 On-Resistance vs. G-S Voltage
Fig.4 Gate-Charge Characteristics
TJ ,Junction Temperature ( ℃)
Fig.5 Normalized VGS(th)
vs.Tj
TJ , J
unction Temperature (℃)
Fig.6 Normalized RDSON vs. TJ
WSC50N03
N-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014
Fig.1 Typical Output Characteristics
Fig.3 Forward Characteristics of Reverse
VSD , Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com