Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5490 Datasheet(PDF) 1 Page - 3M Electronics

Part # 5490
Description  PTFE Extruded Film Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5490 Datasheet(HTML) 1 Page - 3M Electronics

  5490 Datasheet HTML 1Page - 3M Electronics 5490 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PTFE Extruded Film Tape
5490·5491
Technical Data
October, 2016
Product Description
3M™ PTFE Extruded Film Tape 5490 and 5491 offers an extremely low coefficient of
friction which, in combination with a pressure sensitive silicone adhesive, creates a
smooth, non-stick surface over a variety of substrates to assist in the movement of web
materials in many types of roll-wrap lay flat applications.
Product Construction
Backing
Adhesive
Color
Standard Roll
Length
Extruded PTFE
(polytetrafluoroethylene)
Silicone
Brown
36 yds. (32.9 m)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
ASTM Test
Method
3M tape 5490
Adhesion to Steel:
Tensile Strength at Break:
Elongation at Break:
Backing Thickness:
Total Tape Thickness:
Temperature Use Range:
3M tape 5491
Adhesion to Steel:
Tensile Strength at Break:
Elongation at Break:
Backing Thickness:
Total Tape Thickness:
Temperature Use Range:
27 oz./in. width (30 N/100 mm)
17 lbs./in. width (304 N/100 mm)
170%
2.0 mils (0.05 mm)
3.7 mils (0.09 mm)
-65° to 500°F (-54° to 260°C)
35 oz./in. width (38 N/100 mm)
42 lbs./in. width (727 N/100 mm)
260%
5.0 mils (0.13 mm)
6.7 mils (0.17 mm)
-65° to 500°F (-54° to 260°C)
D-3330
D-3759
D-3759
D-3652
D-3652
D-3330
D-3759
D-3759
D-3652
D-3652
Features
 Extruded PTFE film tapes lie flatter than typical skived PTFE film tapes, resists
curling during unwind and provide an exceptionally smooth surface when applied.
 Non-stick PTFE film provides an exceptionally slick surface for easy clean-up.
 Thicker backing helps extend the service life, compared to thinner versions, when
subjected to abrasion or wear.
 Provides excellent chemical resistance except to organic solvents. Note: The
silicone adhesive will be attacked by commercial organic solvents and so are not
recommended for application requiring organic resistance.
 Silicone adhesive provides clean removal from a variety of surfaces.


Similar Part No. - 5490

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5490 NSC-5490 Datasheet
175Kb / 7P
Decade, and Binary Counters
logo
List of Unclassifed Man...
5490 ETC2-5490 Datasheet
161Kb / 1P
SMA MALE TO SMA FEMALE RADIUS RIGHT ANGLE,, ADAPTER
logo
OSRAM GmbH
54904 OSRAM-54904 Datasheet
76Kb / 1P
Upgrades For Popular Projjecttiion Lamps
logo
Festo Corporation.
549042 FESTO-549042 Datasheet
87Kb / 1P
Electrical interface
549043 FESTO-549043 Datasheet
107Kb / 1P
Electrical interface
More results

Similar Description - 5490

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC33268 ETC2-MC33268 Datasheet
144Kb / 1P
Heatsink Extruded
logo
3M Electronics
850 3M-850 Datasheet
21Kb / 2P
Polyester Film Tape
Aug-2013
8412 3M-8412 Datasheet
13Kb / 2P
Polyester Film Tape
05-Jun-2001
5180 3M-5180 Datasheet
14Kb / 2P
General Purpose PTFE Skived Film Tape
Aug-2010
5498 3M-5498 Datasheet
131Kb / 5P
3M™ PTFE Film Tape 5498
Nov-2015
5153 3M-5153 Datasheet
30Kb / 2P
PTFE Glass Cloth Tapes
Jun-2011
605 3M-605 Datasheet
571Kb / 5P
3M??Scotch짰 Transparent Film Tape
5451 3M-5451 Datasheet
318Kb / 2P
PTFE Glass Cloth Tape
838 3M-838 Datasheet
14Kb / 2P
Weather Resistant Film Tape
05-Nov-1999
logo
Keystone Electronics Co...
11114 KEYSTONE-11114 Datasheet
235Kb / 1P
PTFE FORK INSULATED TERMINAL
11.12.07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com