Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP100 Datasheet(PDF) 3 Page - 3M Electronics

Part # DP100
Description  Epoxy Adhesives
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP100 Datasheet(HTML) 3 Page - 3M Electronics

  DP100 Datasheet HTML 1Page - 3M Electronics DP100 Datasheet HTML 2Page - 3M Electronics DP100 Datasheet HTML 3Page - 3M Electronics DP100 Datasheet HTML 4Page - 3M Electronics DP100 Datasheet HTML 5Page - 3M Electronics DP100 Datasheet HTML 6Page - 3M Electronics DP100 Datasheet HTML 7Page - 3M Electronics DP100 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3M™ Scotch-Weld™
Epoxy Adhesives
DP-100 Clear • DP-100 NS Translucent
- 3 -
Handling/Curing
Information
1. For optimum strength structural bonds, paint, oxide films, oils, dust, mold release
agents and all other surface contaminants must be completely removed. However, the
amount of surface preparation directly depends on the required bond strength and the
environmental aging resistance desired by user. For specific surface preparations on
common substrates, see the following section on Surface Preparation.
2. Use gloves to minimize skin contact with adhesive.
3. These products consist of two parts.
Mixing and Applying
For Duo-Pak Cartridges - 50 ml
3M™ Scotch-Weld™ DP-100 and DP-100 NS Adhesives are supplied in a dual syringe
plastic Duo-Pak cartridge as part of the 3M™ Scotch-Weld™ EPX™ Applicator system.
To use, simply insert the Duo-Pak cartridge into the EPX applicator and start the plunger
into the cylinders using light pressure on the trigger. Next, remove the Duo-Pak cartridge
cap and expel a small amount of adhesive to be sure both sides of the Duo-Pak cartridge
are flowing evenly and freely. If mixing of Part A and Part B is desired, attach the EPX
mixing nozzle to the Duo-Pak cartridge and begin dispensing the adhesive. For hand
mixing, expel the desired amount of adhesive and mix thoroughly. Mix approximately
15 seconds after uniform colour is obtained.
For Duo-Pak Cartridges - 200/400 ml
Directions for Use: While holding cartridge in an upright position, remove insert from
Duo-Pak cartridge by unscrewing plastic nut. Detach metal removal disc from insert to
free plastic nut for nozzle attachment. Clear orifices if necessary. Attach mixing nozzle
and secure with plastic nut. Place cartridge into EPX Applicator. Dispense a small
quantity of adhesive to assure both components are dispensing equally. Apply adhesive
to clean surfaces, join parts, secure until set up (20 minutes @ 24°C [75°F]). Leave
nozzle attached to store. Replace nozzle after storage.
For Bulk Containers
Mix thoroughly by weight or volume in the proportions specified in the Typical Uncured
Properties section. Mix approximately 15 seconds after uniform color is obtained.
4. For maximum bond strength apply adhesive evenly to both surfaces to be joined.
5. Application to the substrates should be make within 5 minutes. Larger quantities
and/or higher temperatures will reduce this working time.
6. Join the adhesive coated surfaces and allow to cure at 16°C (60°F) or above until
completely firm. Heat, up to 93°C (200°F), will speed curing. These products will
fully cure in 24-48 hours @ 24°C (75°F).
7. Keep parts from moving during cure. Contact pressure is necessary. Maximum shear
strength is obtained with a 3-5 mil bondline.
8. Excess uncured adhesive can be cleaned up with ketone type solvents.*
*Note: When using solvents, extinguish all ignition sources and follow the
manufacturer’s precautions and directions for use.
Adhesive Coverage: A 0.005 in. thick bondline will typically yield a coverage of
320 sq. ft./gallon.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com