Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP420 Datasheet(PDF) 4 Page - 3M Electronics

Part # DP420
Description  Epoxy Adhesive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP420 Datasheet(HTML) 4 Page - 3M Electronics

  DP420 Datasheet HTML 1Page - 3M Electronics DP420 Datasheet HTML 2Page - 3M Electronics DP420 Datasheet HTML 3Page - 3M Electronics DP420 Datasheet HTML 4Page - 3M Electronics DP420 Datasheet HTML 5Page - 3M Electronics DP420 Datasheet HTML 6Page - 3M Electronics DP420 Datasheet HTML 7Page - 3M Electronics DP420 Datasheet HTML 8Page - 3M Electronics DP420 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
- 4 -
3M
™ Scotch-Weld™
Epoxy Adhesive
DP420 Black • DP420 NS Black • DP420 Off-White • DP420 LH
Typical Adhesive
Performance
Characteristics
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
Substrates and Testing
A.
Overlap Shear (ASTM D 1002-72)
Overlap shear (OLS) strengths were measured on 1 in. wide 1/2 in. overlap specimens. These
bonds were made individually using 1 in. x 4 in. pieces of substrate except for aluminum. Two
panels 0.063 in. thick, 4 in. x 7 in. of 2024T-3 clad aluminum were bonded and cut into 1 in.
wide samples after 24 hours. The thickness of the bondline was 0.005-0.008 in. All strengths
were measured at 73°F (23°C) except where noted.
The separation rate of the testing jaws was 0.1 in. per minute for metals, 2 in. per minute for
plastics and 20 in. per minute for rubbers. The thickness of the substrates were: steel, 0.060 in.;
other metals, 0.05-0.064 in.; rubbers, 0.125 in.; plastics, 0.125 in.
B.
T-peel (ASTM D 1876-61T)
T-peel strengths were measured on 1 in. wide bonds at 73°F (23°C). The testing jaw separation
rate was 20 inches per minute. The substrates were 0.032 in. thick.
C.
Bell Peel (ASTM D 3167)
Bell peel strengths were measured on 1/2 in. wide bonds at the temperatures noted. The testing
jaw separation rate was 6 in. per minute. The bonds are made with 0.064 in. bonded to 0.025 in.
thick adherends.
D.
Cure Cycle
With the exception of Rate of Strength Build-Up Tests, all bonds, were cured 7 days at 73°F
(23°C) at 50% RH before testing or subjected to further conditioning or environmental aging.
Aluminum, Overlap Shear, at Temperature (PSI)
1Represents time in test chamber oven before test.
Metals, Overlap Shear, Tested @ 73°F (23°C) (PSI)
3M™ Scotch-
Weld
™ Epoxy
Adhesive DP420
Black
3M™ Scotch-
Weld
™ Epoxy
Adhesive DP420
Off-White
3M™ Scotch-
weld™ Epoxy
Adhesive DP420NS
Black
Aluminum-
Etched
4500
4500
4500
Oakite degrease
4000
3500
NT
MEK/abrade/MEK
2500
3500
3500
Cold Rolled Steel- Oakite degrease
—
4000
NT
MEK/abrade/MEK
2200
2700
2500
Copper-
MEK/abrade/MEK
5000
4000
3000
Brass-
MEK/abrade/MEK
2800
4100
3500
Stainless Steel-
MEK/abrade/MEK
1800
1700
3900
Galvanized Steel- Hot dipped
2900
2000
NT
Electrodeposited
3000
2100
NT
3M™ Scotch-Weld™
Epoxy Adhesive DP420
Black
3M™ Scotch-Weld™
Epoxy Adhesive DP420
Off-White
3M™ Scotch-Weld™
Epoxy Adhesive
DP420NS Black
-67°F (-55°C)
4500
4500
4500
4500
73°F (23°C)
4500
4500
4500
180°F (82°C) (15 min.)1
1260
450
860
1400
1600
21
(30 min.)1
2250
700
1400
(60 min.)1
2980
750
1600
(4 hr.)1
2690
2500
2100
250°F (121°C) (15 min.)1
570
200
350



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com