Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2561FD Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP2561FD
Description  High-Speed CAN Flexible Data Rate Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2561FD Datasheet(HTML) 5 Page - Microchip Technology

  MCP2561FD Datasheet HTML 1Page - Microchip Technology MCP2561FD Datasheet HTML 2Page - Microchip Technology MCP2561FD Datasheet HTML 3Page - Microchip Technology MCP2561FD Datasheet HTML 4Page - Microchip Technology MCP2561FD Datasheet HTML 5Page - Microchip Technology MCP2561FD Datasheet HTML 6Page - Microchip Technology MCP2561FD Datasheet HTML 7Page - Microchip Technology MCP2561FD Datasheet HTML 8Page - Microchip Technology MCP2561FD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005284A-page 5
MCP2561/2FD
1.7.1
TRANSMITTER DATA
INPUT PIN (TXD)
The CAN transceiver drives the differential output pins
CANH and CANL according to TXD. It is usually
connected to the transmitter data output of the CAN
controller device. When TXD is Low, CANH and CANL
are in the Dominant state. When TXD is High, CANH
and CANL are in the Recessive state, provided that
another CAN node is not driving the CAN bus with a
Dominant state. TXD is connected to an internal pull-up
resistor (nominal 33 k
) to VDD or VIO, in the
MCP2561FD or MCP2562FD, respectively.
1.7.2
GROUND SUPPLY PIN (VSS)
Ground supply pin.
1.7.3
SUPPLY VOLTAGE PIN (VDD)
Positive supply voltage pin. Supplies transmitter and
receiver, including the wake-up receiver.
1.7.4
RECEIVER DATA
OUTPUT PIN (RXD)
RXD is a CMOS-compatible output that drives High or
Low depending on the differential signals on the CANH
and CANL pins, and is usually connected to the
receiver data input of the CAN controller device. RXD is
High when the CAN bus is Recessive, and Low in the
Dominant state. RXD is supplied by VDD or VIO, in the
MCP2561FD or MCP2562FD, respectively.
1.7.5
SPLIT PIN (MCP2561FD ONLY)
Reference Voltage Output (defined as VDD/2). The pin
is only active in Normal mode. In Standby mode, or
when VDD is off, SPLIT floats.
1.7.6
VIO PIN (MCP2562FD ONLY)
Supply for digital I/O pins. In the MCP2561FD, the
supply for the digital I/O (TXD, RXD and STBY) is
internally connected to VDD.
1.7.7
CAN LOW PIN (CANL)
The CANL output drives the Low side of the CAN
differential bus. This pin is also tied internally to the
receive input comparator. CANL disconnects from the
bus when MCP2561/2FD is not powered.
1.7.8
CAN HIGH PIN (CANH)
The CANH output drives the high-side of the CAN
differential bus. This pin is also tied internally to the
receive input comparator. CANH disconnects from the
bus when MCP2561/2FD is not powered.
1.7.9
STANDBY MODE INPUT PIN (STBY)
This pin selects between Normal or Standby mode. In
Standby mode, the transmitter, high speed receiver and
SPLIT are turned off, only the low power receiver and
wake-up filter are active. STBY is connected to an
internal MOS pull-up resistor to VDD or VIO, in the
MCP2561FD or MCP2562FD, respectively. The value
of the MOS pull-up resistor depends on the supply volt-
age. Typical values are 660 k
 for 5V, 1.1 M for 3.3V
and 4.4 M
 for 1.8V
1.7.10
EXPOSED THERMAL PAD (EP)
It is recommended that this pad is connected to VSS for
the enhancement of electromagnetic immunity and
thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com