Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C232HD Datasheet(PDF) 15 Page - Future Technology Devices International Ltd.

Part # C232HD
Description  C232HD USB 2.0 HI-SPEED TO UART CABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

C232HD Datasheet(HTML) 15 Page - Future Technology Devices International Ltd.

Back Button C232HD Datasheet HTML 10Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 11Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 12Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 13Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 14Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 15Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 16Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 17Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 18Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Copyright © Future Technology Devices International Limited
15
C232HD USB 2.0 HI-SPEED TO UART CABLE Datasheet
Version 1.3
Document No.: FT_000430 Clearance No.: FTDI# 222
Appendix A - Cable EEPROM Configuration
Each C232HD cable is controlled by the FTDI FT232H IC. This cable contains an EEPROM which contains
the USB configuration descriptors for that device. When the cable is plugged into a PC or a USB reset is
performed, the PC will read these descriptors. The default values stored into the internal EEPROM are
defined in the following table.
Parameter
Value
Notes
USB Vendor ID (VID)
0403h
FTDI default VID (hex)
USB Product UD (PID)
6014h
FTDI default PID (hex)
Serial Number Enabled?
Yes
Serial Number
See Note
A unique serial number is generated and
programmed into the EEPROM during device final
test.
Pull down I/O Pins in USB
Suspend
Disabled
Enabling this option will make the device pull down
on the UART interface lines when the power is shut
off (PWREN# is high).
Manufacturer Name
FTDI
Product Description
See note
Product description depends on the cable. The
following lists the Product descriptions for each
different cable.
C232HD-DDHSP-0
C232HD-EDHSP-0
Max Bus Power Current
500mA
Includes power to operate the FT232H plus the cable
output current.
Power Source
Bus Powered
Device Type
FT232H
USB Version
0200
Returns USB 2.0 device description to the host.
Note: The device is a USB 2.0 Hi-Speed device
(480Mb/s).
Remote Wake Up
Disabled
High Current I/Os
Enabled
Enables the high drive level on the UART and CBUS
I/O pins.
Load VCP Driver
Enabled
Makes the device load the VCP driver interface for
the device.
Default Internal EEPROM Configuration
The cable EEPROM in the cable can be re-programmed over USB using the utility program FT_PROG. Both
can be downloaded from www.ftdichip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com