Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS25LP256D-RMLA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
5
Rev A6
04/15/2019
8.10 PAGE PROGRAM OPERATION (PP, 02h or 4PP, 12h).....................................................................73
8.11 QUAD INPUT PAGE PROGRAM OPERATION (PPQ, 32h/38h or 4PPQ, 34h/3Eh) .........................76
8.12 ERASE OPERATION ..........................................................................................................................77
8.13 SECTOR ERASE OPERATION (SER, D7h/20h or 4SER, 21h) .........................................................78
8.14 BLOCK ERASE OPERATION (BER32K:52h or 4BER32K:5Ch, BER64K:D8h or 4BER64K:DCh) ...80
8.15 CHIP ERASE OPERATION (CER, C7h/60h) ......................................................................................83
8.16 WRITE ENABLE OPERATION (WREN, 06h) .....................................................................................84
8.17 WRITE DISABLE OPERATION (WRDI, 04h)......................................................................................85
8.18 READ STATUS REGISTER OPERATION (RDSR, 05h) ....................................................................86
8.19 WRITE STATUS REGISTER OPERATION (WRSR, 01h)..................................................................87
8.20 READ FUNCTION REGISTER OPERATION (RDFR, 48h) ................................................................88
8.21 WRITE FUNCTION REGISTER OPERATION (WRFR, 42h)..............................................................89
8.22 ENTER QUAD PERIPHERAL INTERFACE (QPI) MODE OPERATION (QPIEN, 35h; QPIDI, F5h) .90
8.23 PROGRAM/ERASE SUSPEND & RESUME.......................................................................................91
8.24 ENTER DEEP POWER DOWN (DP, B9h) ..........................................................................................94
8.25 RELEASE DEEP POWER DOWN (RDPD, ABh) ................................................................................95
8.26 SET READ PARAMETERS OPERATION (SRPNV: 65h, SRPV: C0h/63h) .......................................96
8.27 SET EXTENDED READ PARAMETERS OPERATION (SERPNV: 85h, SERPV: 83h) .....................98
8.28 READ READ PARAMETERS OPERATION (RDRP, 61h) ..................................................................99
8.29 READ EXTENDED READ PARAMETERS OPERATION (RDERP, 81h).........................................100
8.30 CLEAR EXTENDED READ REGISTER OPERATION (CLERP, 82h)..............................................101
8.31 READ PRODUCT IDENTIFICATION (RDID, ABh) ...........................................................................102
8.32 READ PRODUCT IDENTIFICATION BY JEDEC ID OPERATION (RDJDID, 9Fh; RDJDIDQ, AFh)
...................................................................................................................................................................104
8.33 READ DEVICE MANUFACTURER AND DEVICE ID OPERATION (RDMDID, 90h) .......................105
8.34 READ UNIQUE ID NUMBER (RDUID, 4Bh) .....................................................................................106
8.35 READ SFDP OPERATION (RDSFDP, 5Ah) .....................................................................................107
8.36 NO OPERATION (NOP, 00h) ............................................................................................................107
8.37 SOFTWARE RESET (RESET-ENABLE (RSTEN, 66h) AND RESET (RST, 99h)) AND HARDWARE
RESET .......................................................................................................................................................108
8.38 SECURITY INFORMATION ROW.....................................................................................................109
8.39 INFORMATION ROW ERASE OPERATION (IRER, 64h) ................................................................110
8.40 INFORMATION ROW PROGRAM OPERATION (IRP, 62h) ............................................................111
8.41 INFORMATION ROW READ OPERATION (IRRD, 68h) ..................................................................112
8.42 FAST READ DTR MODE OPERATION (FRDTR, 0Dh or 4FRDTR, 0Eh)........................................113
8.43 FAST READ DUAL IO DTR MODE OPERATION (FRDDTR, BDh or 4FRDDTR, BEh) ..................118
8.44 FAST READ QUAD I/O DTR MODE OPERATION IN SPI MODE (FRQDTR, EDh or 4FRQDTR,
EEh) ...........................................................................................................................................................122
8.45 SECTOR LOCK/UNLOCK FUNCTIONS ...........................................................................................130
8.46 AUTOBOOT.......................................................................................................................................133
8.47 READ BANK ADDRESS REGISTER OPERATION (RDBR: 16h/C8h) ............................................137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com