Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RHLA3 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RHLA3
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RHLA3 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RHLA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LP256D-RHLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LP256D-RHLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LP256D-RHLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP256D-RHLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP256D-RHLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP256D-RHLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP256D-RHLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25LP256D-RHLA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
6
Rev A6
04/15/2019
8.48 WRITE BANK ADDRESS REGISTER OPERATION (WRBRNV: 18h, WRBRV: 17h/C5h) .............138
8.49 ENTER 4-BYTE ADDRESS MODE OPERATION (EN4B, B7h) .......................................................139
8.50 EXIT 4-BYTE ADDRESS MODE OPERATION (EX4B, 29h) ............................................................140
8.51 READ DYB OPERATION (RDDYB, FAh or 4RDDYB, E0h) .............................................................141
8.52 WRITE DYB OPERATION (WRDYB, FBh or 4WRDYB, E1h) ..........................................................143
8.53 READ PPB OPERATION (RDPPB, FCh or 4RDPPB, E2h) .............................................................145
8.54 PROGRAM PPB OPERATION (PGPPB, FDh or 4PGPPB, E3h) .....................................................146
8.55 ERASE PPB OPERATION (ERPPB, E4h) ........................................................................................148
8.56 READ ASP OPERATION (RDASP, 2Bh) ..........................................................................................149
8.57 PROGRAM ASP OPERATION (PGASP, 2Fh)..................................................................................150
8.58 READ PPB LOCK BIT OPERATION (RDPLB, A7h) .........................................................................151
8.59 WRITE PPB LOCK BIT OPERATION (WRPLB, A6h).......................................................................152
8.60 SET FREEZE BIT OPERATION (SFRZ, 91h) ...................................................................................153
8.61 READ PASSWORD OPERATION (RDPWD, E7h) ...........................................................................154
8.62 PROGRAM PASSWORD OPERATION (PGPWD, E8h) ..................................................................155
8.63 UNLOCK PASSWORD OPERATION (UNPWD, E9h) ......................................................................156
8.64 GANG SECTOR/BLOCK LOCK OPERATION (GBLK, 7Eh) ............................................................157
8.65 GANG SECTOR/BLOCK UNLOCK OPERATION (GBUN, 98h).......................................................158
9.
ELECTRICAL CHARACTERISTICS..........................................................................................................159
9.1 ABSOLUTE MAXIMUM RATINGS (1) ..................................................................................................159
9.2 OPERATING RANGE ..........................................................................................................................159
9.3 DC CHARACTERISTICS.....................................................................................................................160
9.4 AC MEASUREMENT CONDITIONS ...................................................................................................161
9.5 PIN CAPACITANCE ............................................................................................................................161
9.6 AC CHARACTERISTIC .......................................................................................................................162
9.7 SERIAL INPUT/OUTPUT TIMING.......................................................................................................164
9.8 POWER-UP AND POWER-DOWN .....................................................................................................166
9.9 PROGRAM/ERASE PERFORMANCE ................................................................................................167
9.10 RELIABILITY CHARACTERISTICS ..................................................................................................167
10.
PACKAGE TYPE INFORMATION........................................................................................................168
10.1 8-CONTACT ULTRA-THIN SMALL OUTLINE NO-LEAD (WSON) PACKAGE 8x6mm (L)..............168
10.2 8-CONTACT ULTRA-THIN SMALL OUTLINE NO-LEAD (WSON) PACKAGE 8x6mm (J)..............169
10.3 16-LEAD PLASTIC SMALL OUTLINE PACKAGE (300 MILS BODY WIDTH) (M)...........................170
10.4 24-BALL THIN PROFILE FINE PITCH BGA 6x8mm 4x6 BALL ARRAY (G) ....................................171
10.5 24-BALL THIN PROFILE FINE PITCH BGA 6x8mm 5x5 BALL ARRAY (H) ....................................172
11.
ORDERING INFORMATION
– Valid Part Numbers.............................................................................173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com