Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X8DA3 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # X8DA3
Description  Congratulations on purchasing your computer motherboard from an acknowledged leader in the industry
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X8DA3 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button X8DA3 Datasheet HTML 17Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 18Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 19Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 20Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 21Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 22Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 23Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 24Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
Chapter 2: Installation
2-1
Chapter 2
Installation
2-1
Static-Sensitive Devices
Electrostatic Discharge (ESD) can damage electronic components. To prevent dam-
age to your system board, it is important to handle it very carefully. The following
measures are generally sufficient to protect your equipment from ESD.
Precautions
Use a grounded wrist strap designed to prevent static discharge.
•
Touch a grounded metal object before removing the board from the antistatic
•
bag.
Handle the board by its edges only; do not touch its components, peripheral
•
chips, memory modules or gold contacts.
When handling chips or modules, avoid touching their pins.
•
Put the motherboard and peripherals back into their antistatic bags when not
•
in use.
For grounding purposes, make sure your computer chassis provides excellent
•
conductivity between the power supply, the case, the mounting fasteners and
the motherboard.
Use only the correct type of onboard CMOS battery as specified by the
•
manufacturer. Do not install the onboard battery upside down to avoid possible
explosion.
Unpacking
The motherboard is shipped in antistatic packaging to avoid static damage. When
unpacking the board, make sure the person handling it is static protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com