Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP032D-RHLE Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RHLE
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RHLE Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS25LP032D-RHLE Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LP032D-RHLE Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LP032D-RHLE Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LP032D-RHLE Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LP032D-RHLE Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP032D-RHLE Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP032D-RHLE Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP032D-RHLE Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP032D-RHLE Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
2
Rev. A12
08/04/2020
FEATURES
 Industry Standard Serial Interface
- IS25LP032D: 32Mbit/4Mbyte
- IS25WP032D: 32Mbit/4Mbyte
- 256 bytes per Programmable Page
- Supports standard SPI, Fast, Dual, Dual
I/O, Quad, Quad I/O, SPI DTR, Dual I/O
DTR, Quad I/O DTR, and QPI
- Supports Serial Flash Discoverable
Parameters (SFDP)
 High Performance Serial Flash (SPI)
- 50MHz Normal and 133Mhz Fast Read
- 532 MHz equivalent QPI
- DTR (Dual Transfer Rate) up to 66MHz
- Selectable Dummy Cycles
- Configurable Drive Strength
- Supports SPI Modes 0 and 3
- More than 100,000 Erase/Program Cycles
- More than 20-year Data Retention
 Flexible & Efficient Memory Architecture
- Chip Erase with Uniform: Sector/Block
Erase (4/32/64 Kbyte)
- Program 1 to 256 Bytes per Page
- Program/Erase Suspend & Resume
 Efficient Read and Program modes
- Low Instruction Overhead Operations
- Continuous Read 8/16/32/64-Byte
Burst Wrap
- Selectable Burst Length
- QPI for Reduced Instruction Overhead
- AutoBoot Operation
 Low Power with Wide Temp. Ranges
- Single Voltage Supply
IS25LP: 2.30V to 3.60V
IS25WP: 1.65V to 1.95V
- 4 mA Active Read Current (typ.)
- 10 µA Standby Current (typ.)
- 1 µA Deep Power Down (typ.)
- Temp Grades:
Extended: -40°C to +105°C
Auto Grade (A3): -40°C to +125°C
 Advanced Security Protection
- Software and Hardware Write Protection
- Power Supply Lock Protect
- 4x256-Byte Dedicated Security Area
with OTP User-lockable Bits
- 128 bit Unique ID for Each Device
(Call Factory)
 Industry Standard Pin-out & Packages(1)
- B = 8-pin SOIC 208mil
- N = 8-pin SOIC 150mil
- T = 8-contact USON 4x3mm
- E = 8-contact XSON 4x4mm
- K = 8-contact WSON 6x5mm
- L = 8-contact WSON 8x6mm(Call Factory)
- M = 16-pin SOIC 300mil
- G= 24-ball TFBGA 4x6 ARRAY
- H = 24-ball TFBGA 5x5 ARRAY
- KGD (Call Factory)
Notes:
1. Call Factory for other package options available.
32Mb
SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI &
QUAD I/O QPI DTR INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com