Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP032D-QHLE Datasheet(PDF) 39 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-QHLE
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-QHLE Datasheet(HTML) 39 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-QHLE Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS25LP032D-QHLE Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS25LP032D-QHLE Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS25LP032D-QHLE Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS25LP032D-QHLE Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS25LP032D-QHLE Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS25LP032D-QHLE Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS25LP032D-QHLE Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS25LP032D-QHLE Datasheet HTML 43Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
39
Rev. A12
08/04/2020
Figure 8.4 Fast Read Dual I/O Sequence (with command decode cycles)
7
5
3
7
5
1
3
1
Data Out 1
Instruction = BBh
22
CE #
SCK
2
0
6
4
3-byte Address
High Impedance
20
18
...
0
1
2
3
4
5
6
7
8
9
10
...
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
Mode 3
Mode 0
...
tV
23
3
1
7
5
21
19
...
IO0
IO1
3
1
2
0
6
4
2
6
4
0
2
0
4 Dummy Cycles
7
5
3
1
6
4
2
0
7
5
...
6
4
...
CE #
SCK
IO0
IO1
Data Out 2
Data Out 3
Mode Bits
Mode Bits
Notes:
1. If the mode bits=AXh (
where X is don’t care), it can execute the AX read mode (without command). When the mode
bits are different from AXh, the device exits the AX read operation.
2. Number of dummy cycles depends on clock speed. Detailed information in Table 6.11 Read Dummy Cycles.
3. Sufficient dummy cycles are required to avoid I/O contention. If the number of dummy cycles and AX bit cycles are
same, then X should be Hi-Z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com