Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP016D-QLLE Datasheet(PDF) 49 Page - Integrated Silicon Solution, Inc

Part # IS25LP016D-QLLE
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-QLLE Datasheet(HTML) 49 Page - Integrated Silicon Solution, Inc

Back Button IS25LP016D-QLLE Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 48Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 49Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 50Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 51Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 52Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 53Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
49
Rev. B10
03/09/2020
8.13 CHIP ERASE OPERATION (CER, C7h/60h)
A Chip Erase (CER) instruction erases the entire memory array. Before the execution of CER instruction, the Write
Enable Latch (WEL) must be set via a Write Enable (WREN) instruction. The WEL is automatically reset after
completion of a chip erase operation.
The CER instruction code is input via the SI. Erase operation will start immediately after CE# is pulled high,
otherwise the CER instruction will not be executed. The internal control logic automatically handles the erase
voltage and timing.
Chip Erase (CER) instruction can be executed only when Block Protection (BP3~BP0) bits are set to 0s. If the BP
bits are not 0, the CER command is not executed and E_ERR and PROT_E are set.
Figure 8.20 Chip Erase Sequence In SPI Mode
Instruction = C7h/60h
CE#
SCK
SI
0
1
2
3
4
5
6
7
Mode 3
Mode 0
SO
High Impedance
Figure 8.21 Chip Erase Sequence In QPI Mode
C7h/60h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com