Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ1W-SCU Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # CJ1W-SCU
Description  CJ-series Serial Communications Units
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1W-SCU Datasheet(HTML) 4 Page - Omron Electronics LLC

  CJ1W-SCU Datasheet HTML 1Page - Omron Electronics LLC CJ1W-SCU Datasheet HTML 2Page - Omron Electronics LLC CJ1W-SCU Datasheet HTML 3Page - Omron Electronics LLC CJ1W-SCU Datasheet HTML 4Page - Omron Electronics LLC CJ1W-SCU Datasheet HTML 5Page - Omron Electronics LLC CJ1W-SCU Datasheet HTML 6Page - Omron Electronics LLC CJ1W-SCU Datasheet HTML 7Page - Omron Electronics LLC CJ1W-SCU Datasheet HTML 8Page - Omron Electronics LLC CJ1W-SCU Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
CJ1W-SCU
Protocol Specifications
Host Link Specifications
*1. Confirm the baud rates and communications distance supported by connected devices.
*2. The CJ1W-SCU
@2 is required for communications at 230,400 bps.
*3. The maximum cable length for RS-232C is 15 m. The RS-232C standard, however, does not cover baud rates above 19.2 Kbps. Refer to the
manual for the device being connected to confirm support.
*4. The specified frame format must be prepared on the host computer and then sent.
*5. The host computer must interpret the commands and return a response in the correct format.
Connection between the host computer and Controller must be 1:1.
Protocol Macro Function Specifications
Item
Description
Communications mode
Half-duplex (Full-duplex for slave-initiated communications)
Synchronous mode
Start-stop synchronization (asynchronous mode)
Baud rate *1
RS-232C port and RS-422A/485 ports:
1,200/2,400/4,800/9,600/19,200/38,400/57,600/115,200/230,400 bps *2
Default setting: 9,600 bps
Communications distance
*1
RS-232C port
: 15 m max. *3
RS-422A/485 Port :
• CJ1W-SCU
@1-V1
500 m max. (total cable length: 500 m max., T-branch branch lines: 10 m max.)
• CJ1W-SCU
@2
1,200 m max. (total cable length: 1,200 m max., Multidrop connections are possible. However, maximum cable length is 500 m if
the NT-AL001 is used for RS-422A-485 connections.)
Connection configuration
RS-232C port
: 1:1 (1:N (N = 32 Units max.) is possible using an Converting Link Adapters.)
RS-422A/485 port : 1:N (N = 32 Units max.)
Number of connected Units
32 Units max. (unit numbers 0 to 31; unit number 0 is set for 1:1 connection)
Frame structure
C-mode commands
Header: @, address: (host link unit number) 0 to 31 (BCD), data: header code + text, error check
code: FCS, terminator: * +CR
FINS commands
Header: @, address: (host link unit number) 0 to 31 (BCD), data: header code (always “FA”) + FINS
header + FINS command + text, error check code: FCS, terminator: * +CR
Error check codes
Vertical parity: Even, odd. or none
FCS (horizontal parity converted to ASCII)
Command flow and support
Command flow
Commands
Contents
Host computer to Controller
C-mode commands
1:1 or 1:N communications with directly connected Controller *4
FINS commands
(in Host Link protocol)
1:1 or 1:N communications with directly connected Controller.
Controller to host computer
FINS commands
(in Host Link protocol)
Communications using SEND(090), RECV(098), and CMND(490) from CPU
Unit. *5
Item
Description
Number of protocols
20 max.
Can be created and registered with the Protocol Support Tool (CX-Protocol).
Number of sequences
1,000 max.
Per protocol
Number of sequences
60 max.
Number of messages
300 max.
Number of reception
matrixes
100 max.
Sequence execution condition
Using the CPU Unit’s PMCR (260) instruction (specifying the sequence number)
Communications mode
Half-duplex or full-duplex
Synchronous mode
Start-stop synchronization (asynchronous mode)
Baud rate *1
RS-232C port and RS-422A/485 ports:
1,200/2,400/4,800/9,600/19,200/38,400/57,600/115,200/230,400 bps
Default setting: 9,600 bps *2
Communications distance *1
RS-232C port
: 15 m max.
RS-422A/485 port :
• CJ1W-SCU
@1-V1
500 m max. (total cable length: 500 m max., T-branch branch lines: 10 m max.)
• CJ1W-SCU
@2
1,200 m max. (total cable length: 1,200 m max., Multidrop connections are possible. However, max-
imum cable length is 500 m if the NT-AL001 is used for RS-422A-485 connections.)
Connection configuration
RS-232C port
: 1:1 (1:N (N = 32 Units max.) is possible using a Converting Link Adapter.)
RS-422A/485 port : 1:N (N = 32 Units max.)
Number of connected Units
32 Units max. (unit numbers 0 to 31; unit number 0 is set for 1:1 connection)
Maximum number of data
exchange words between
Controller and protocol
macro function
Operand setting
250 words
Including the word that specifies the number of
words (1 word)
Link word setting
500 words
O1, O2, I1, and I2: 500 words total
Direct setting
500 words
Maximum number of words per data attribute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com