| Electronic Components Datasheet Search |
|
MXT1664T3-ATSQTP Datasheet(PDF) 54 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MXT1664T3-ATSQTP Datasheet(HTML) 54 Page - Microchip Technology |
|
54 / 98 page ![]() MXT1664T3 2.0 DS40002054A-page 54 2018 Microchip Technology Inc. FIGURE 10-12: SEND AUTO-RETURN – MESSAGE PACKET FORMAT In Figure 10-12: • Rpt ID is the USB report ID used is that for Object Protocol commands and responses (see Table 10-3 on page 50 for the value). • ID Bytes identify the packet as an auto-return message packet. • Message Report ID is the report ID returned by the Message Processor T5 object. Note that this is the report ID used in the Object Protocol and should not be confused with the USB report ID. Refer to the mXT1664T3 2.0 Protocol Guide for more information on the use of Object Protocol report IDs. • Message Data bytes are the bytes of data returned by the Message Processor T5 object. The size of the data depends on the source object for which this is the message data. Any unused bytes are padded with zeros. Refer to the mXT1664T3 2.0 Protocol Guide for more information on the messages from the various objects. To stop the sending of the messages, the host can send a null command packet. This consists of two bytes: the report ID for Object Protocol commands and responses (0x01) and a command byte of 0x00 (see Figure 10-13). FIGURE 10-13: SEND AUTO-RETURN – NULL COMMAND PACKET FORMAT Note that any standard read/write operation (see Section 9.5.1 “Read/Write Memory Map Command”) or Start Debug Monitoring (see Section 10.4.3 “Start Debug Monitoring”) command will also terminate any currently enabled auto-return mode. Figure 10-14 on page 55 shows an example sequence of packets to receive messages from the Message Processor T5 object using the Send Auto-return command. 0xFA 0x00 ID Bytes Message Report ID Msg ID Message Data Data n Data 0 ... Unused Bytes (Packet Padded to 64 Bytes) 0x00 0x00 ... Rpt ID 0x00 Null Command ID Rpt ID Reserved Bytes (62 Bytes) 0x00 0x00 ... |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |