Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C33128FT32B Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C33128FT32B
Description  3.3V 128K x 32/36 Flow Through Synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33128FT32B Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C33128FT32B Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33128FT32B Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33128FT32B Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33128FT32B Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33128FT32B Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33128FT32B Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33128FT32B Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33128FT32B Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33128FT32B Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
®
AS7C33128FT32B
2/8/05; v.1.2
Alliance Semiconductor
P. 5 of 19
AS7C33128FT36B
Signal descriptions
Snooze Mode
SNOOZE MODE is a low current, power-down mode in which the device is deselected and current is reduced to ISB2. The duration of
SNOOZE MODE is dictated by the length of time the ZZ is in a High state.
The ZZ pin is an asynchronous, active high input that causes the device to enter SNOOZE MODE.
When the ZZ pin becomes a logic High, ISB2 is guaranteed after the time tZZI is met. After entering SNOOZE MODE, all inputs except ZZ
is disabled and all outputs go to High-Z. Any operation pending when entering SNOOZE MODE is not guaranteed to successfully complete.
Therefore, SNOOZE MODE (READ or WRITE) must not be initiated until valid pending operations are completed. Similarly, when exiting
SNOOZE MODE during tPUS, only a DESELECT or READ cycle should be given while the SRAM is transitioning out of SNOOZE MODE.
Pin
I/O
Properties
Description
CLK
I
CLOCK
Clock. All inputs except OE, ZZ, and LBO are synchronous to this clock.
A,A0,A1
I
SYNC
Address. Sampled when all chip enables are active and when ADSC or ADSP are asserted.
DQ[a,b,c,d]
I/O
SYNC
Data. Driven as output when the chip is enabled and when OE is active.
CE0
I
SYNC
Master chip enable. Sampled on clock edges when ADSP or ADSC is active. When CE0 is inactive,
ADSP is blocked. Refer to the “Synchronous truth table” for more information.
CE1, CE2
I
SYNC
Synchronous chip enables, active high, and active low, respectively. Sampled on clock edges when
ADSC is active or when CE0 and ADSP are active.
ADSP
I
SYNC
Address strobe processor. Asserted low to load a new address or to enter standby mode.
ADSC
I
SYNC
Address strobe controller. Asserted low to load a new address or to enter standby mode.
ADV
I
SYNC
Advance. Asserted low to continue burst read/write.
GWE
I
SYNC
Global write enable. Asserted low to write all 32/36 bits. When high, BWE and BW[a:d] control write
enable.
BWE
I
SYNC
Byte write enable. Asserted low with GWE high to enable effect of BW[a:d] inputs.
BW[a,b,c,d]
I
SYNC
Write enables. Used to control write of individual bytes when GWE is high and BWE is low. If any of
BW[a:d] is active with GWE high and BWE low, the cycle is a write cycle. If all BW[a:d] are inactive,
the cycle is a read cycle.
OE
I
ASYNC
Asynchronous output enable. I/O pins are driven when OE is active and chip is in read mode.
LBO
ISTATIC
Selects Burst mode. When tied to VDD or left floating, device follows interleaved Burst order. When
driven Low, device follows linear Burst order. This signal is internally pulled High.
ZZ
I
ASYNC
Snooze. Places device in low power mode; data is retained. Connect to GND if unused.
NC
-
-
No connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com