Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A16N16MPP Datasheet(PDF) 10 Page - Pentair plc. All rights reserved.

Part # A16N16MPP
Description  Panels and Panel Accessories
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

A16N16MPP Datasheet(HTML) 10 Page - Pentair plc. All rights reserved.

Back Button A16N16MPP Datasheet HTML 6Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 7Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 8Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 9Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 10Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 11Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 12Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 13Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 14Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Panels and Panel accessories Panels for enclosures
Spec-00310 W
PH 763.422.2211 • PentairProtect.com/Hoffman
Pentair electrical
accessories
10
Panels For Free-sTand, TYPe 1 one-door enclosUres
Panels for free-stand, type 1 one-door standard and disconnect
enclosures are 12 gauge steel. Panels have either polyester powder
paint finish or a conductive, corrosion-resistant coating.
BULLETIN: A38P
Catalog Number
Finish
Panel Size
D x E (in.)
Panel Size
D x E (mm)
A37P21N
Painted steel
37.16 x 21.50
944 x 546
A37P21NG
Conductive
37.16 x 21.50
944 x 546
A49P21N
Painted steel
49.16 x 21.50
1249 x 546
A49P21NG
Conductive
49.16 x 21.50
1249 x 546
A61P21N
Painted steel
61.16 x 21.50
1553 x 546
A73P21N
Painted steel
73.16 x 21.50
1858 x 546
A73P21NG
Conductive
73.16 x 21.50
1858 x 546
A49P32N
Painted steel
49.16 x 32.00
1249 x 813
A49P32NG
Conductive
49.16 x 32.00
1249 x 813
A61P32N
Painted steel
61.16 x 32.00
1553 x 813
A61P32NG
Conductive
61.16 x 32.00
1553 x 813
A73P32N
Painted steel
73.16 x 32.00
1858 x 813
A73P32NG
Conductive
73.16 x 32.00
1858 x 813
Panels For Free-sTand, TYPe 1 TWo-door enclosUres
Panels for free-stand, type 1 two-door standard and disconnect
enclosures are 12 gauge steel. Panels have either polyester powder
paint finish or a conductive, corrosion-resistant coating.
BULLETIN: A38P
Catalog Number
Finish
Panel Size
D x E (in.)
Panel Size
D x E (mm)
A37P48N
Painted steel
37.16 x 48.00
944 x 1219
A37P48NG
Conductive
37.16 x 48.00
944 x 1219
A49P48N
Painted steel
49.16 x 48.00
1249 x 1219
A49P48NG
Conductive
49.16 x 48.00
1249 x 1219
A49P68N
Painted steel
49.16 x 68.00
1249 x 1727
A49P68NG
Conductive
49.16 x 68.00
1249 x 1727
A61P68N
Painted steel
61.16 x 68.00
1553 x 1727
A61P68NG
Conductive
61.16 x 68.00
1553 x 1727
A73P68N
Painted steel
73.16 x 68.00
1858 x 1727
A73P68NG
Conductive
73.16 x 68.00
1858 x 1727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com