Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2413 Datasheet(PDF) 3 Page - Belden Inc.

Part # 2413
Description  Category 6 Enhanced Cable, 4 Pair, U/UTP, CMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2413 Datasheet(HTML) 3 Page - Belden Inc.

  2413 Datasheet HTML 1Page - Belden Inc. 2413 Datasheet HTML 2Page - Belden Inc. 2413 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2413 005A1000
Green
Reel-in-Box
1,000 ft 612825061687
2413 005U1000
Green
UnReel
1,000 ft 612825062226
2413 0052500
Green
Reel
2,500 ft 612825061670
2413 0035000
Orange
612825381068
2413 0035000
Orange
612825381068
2413 0031000
Orange Reel
1,000 ft 612825061694
2413 003A1000
Orange Reel-in-Box
1,000 ft 612825061700
2413 003U1000
Orange UnReel
1,000 ft 612825062202
2413 012A1000
Pink
Reel-in-Box
1,000 ft 612825061786
2413 007A1000
Purple
Reel-in-Box
1,000 ft 612825061779
2413 002A1000
Red
Reel-in-Box
1,000 ft 612825061731
2413 0091000
White
Reel
1,000 ft 612825061571
2413 009A1000
White
Reel-in-Box
1,000 ft 612825061588
2413 009U1000
White
UnReel
1,000 ft 612825061816
2413 0092500
White
Reel
2,500 ft 612825061595
2413 0041000
Yellow
Reel
1,000 ft 612825061632
2413 004A1000
Yellow
Reel-in-Box
1,000 ft 612825061649
2413 004U1000
Yellow
UnReel
1,000 ft 612825062219
2413 0042500
Yellow
Reel
2,500 ft 612825061656
Product Notes
Notes:
Electrical values are expected performance based on cable testing and representative performance within a typical Belden system. Values above 350 MHz are for Engineering
Information Only. Print Includes Descending Footage/Meter Markings from Max. Put-Up Length to 0.
History
Update and Revision:
Revision Number: 0.412 Revision Date: 07-28-2020
© 2020 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com