Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5083 Datasheet(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5083
Description  3A Synchronous Buck 3 Cells Li-ion Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5083 Datasheet(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5083 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ELECTRICAL CHARACTERISTICS
(TA=25
℃, VIN = 5V, unless otherwise noted)
Symbol
Parameter
Condition
Min Typ
Max
Units
VIN
Adapter/USB Voltage
Range
4
22
V
ICC
Input Supply Current
Standby Mode
(Charge Terminated)
1
mA
VFLOAT
Regulated Output (Float)
Voltage
FBADJ floating
12.6
V
VRS
Program Charging Current
(For RS to BAT)
VTRIKL<VBAT<VFLOAT
50
mV
IBAT
BAT Pin Current
RSNS=50mΩ,
Current Mode
1000
mA
RSNS=25mΩ,
Current Mode
2000
mA
Standby Mode
4
μA
ITRIKL
Trickle Charge Current
VBAT<VTRIKL,
RSNS=50mΩ
100
mA
VBAT<2.3V
20
mA
VTRIKL
Trickle Charge Threshold
Voltage
RSNS=50mΩ, VBAT
Rising
8.4
V
VTRHYS
Trickle Charge Hysteresis
Voltage
RSNS=50mΩ
100
mV
VSTAT
STAT Pin Output Low
Voltage
ISTAT=5mA
0.5
V
ISTAT
STAT Pin Weak Pull-Down
Current
VSTAT=5V
5
uA
ΔVREC
HRG
Recharge Battery Threshold
Voltage
VFLOAT-VRECHRG
150
mV
TLIM
Junction Temperature in
Constant
Temperature Mode
150
℃
ITERM
C/10 Terminal Current
RSNS=50mΩ
100
mA
VIN UVLO Under Voltage Lockout of VIN
VIN rising
4
V
VIN falling
3.8
V
VIN OVP
VIN over voltage protect
VIN rising
25
V
hysteresis
1
VNTC-H
High Temperature Protection
Threshold Voltage
Battery Temperature
rising
30
%VLV5
VNTC-L
Low Temperature Protection
Threshold Voltage
Battery Temperature
falling
70
%VLV5
FOSC
Frequency
500
KHz
- 5 -
3A Synchronous Buck 3 Cells Li-ion Charger
HM5083



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com