Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F640P30B85 Datasheet(PDF) 93 Page - Intel Corporation

Part # JS28F640P30B85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30B85 Datasheet(HTML) 93 Page - Intel Corporation

Back Button JS28F640P30B85 Datasheet HTML 89Page - Intel Corporation JS28F640P30B85 Datasheet HTML 90Page - Intel Corporation JS28F640P30B85 Datasheet HTML 91Page - Intel Corporation JS28F640P30B85 Datasheet HTML 92Page - Intel Corporation JS28F640P30B85 Datasheet HTML 93Page - Intel Corporation JS28F640P30B85 Datasheet HTML 94Page - Intel Corporation JS28F640P30B85 Datasheet HTML 95Page - Intel Corporation JS28F640P30B85 Datasheet HTML 96Page - Intel Corporation JS28F640P30B85 Datasheet HTML 97Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
93
Appendix C Common Flash Interface
The Common Flash Interface (CFI) is part of an overall specification for multiple command-set
and control-interface descriptions. This appendix describes the database structure containing the
data returned by a read operation after issuing the CFI Query command (see Section 9.2, “Device
Commands” on page 50). System software can parse this database structure to obtain information
about the flash device, such as block size, density, bus width, and electrical specifications. The
system software will then know which command set(s) to use to properly perform flash writes,
block erases, reads and otherwise control the flash device.
C.1
Query Structure Output
The Query database allows system software to obtain information for controlling the flash device.
This section describes the device’s CFI-compliant interface that allows access to Query data.
Query data are presented on the lowest-order data outputs (DQ7-0) only. The numerical offset value
is the address relative to the maximum bus width supported by the device. On this family of
devices, the Query table device starting address is a 10h, which is a word address for x16 devices.
For a word-wide (x16) device, the first two Query-structure bytes, ASCII “Q” and “R,” appear on
the low byte at word addresses 10h and 11h. This CFI-compliant device outputs 00h data on upper
bytes. The device outputs ASCII “Q” in the low byte (DQ7-0) and 00h in the high byte (DQ15-8).
At Query addresses containing two or more bytes of information, the least significant data byte is
presented at the lower address, and the most significant data byte is presented at the higher address.
In all of the following tables, addresses and data are represented in hexadecimal notation, so the
“h” suffix has been dropped. In addition, since the upper byte of word-wide devices is always
“00h,” the leading “00” has been dropped from the table notation and only the lower byte value is
shown. Any x16 device outputs can be assumed to have 00h on the upper byte in this mode.
Table 32.
Example of Query Structure Output of x16- Devices
Table 31.
Summary of Query Structure Output as a Function of Device and Mode
Device
Hex
Offset
Hex
Code
ASCII
Value
Device Addresses
00010:
51
“Q”
00011:
52
“R”
00012:
59
“Y”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com