Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC28F640P30B85 Datasheet(PDF) 29 Page - Intel Corporation

Part # PC28F640P30B85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PC28F640P30B85 Datasheet(HTML) 29 Page - Intel Corporation

Back Button PC28F640P30B85 Datasheet HTML 25Page - Intel Corporation PC28F640P30B85 Datasheet HTML 26Page - Intel Corporation PC28F640P30B85 Datasheet HTML 27Page - Intel Corporation PC28F640P30B85 Datasheet HTML 28Page - Intel Corporation PC28F640P30B85 Datasheet HTML 29Page - Intel Corporation PC28F640P30B85 Datasheet HTML 30Page - Intel Corporation PC28F640P30B85 Datasheet HTML 31Page - Intel Corporation PC28F640P30B85 Datasheet HTML 32Page - Intel Corporation PC28F640P30B85 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
29
5.0
Maximum Ratings and Operating Conditions
5.1
Absolute Maximum Ratings
Warning:
Stressing the device beyond the “Absolute Maximum Ratings” may cause permanent damage.
These are stress ratings only.
Parameter
Maximum Rating
Notes
Temperature under bias
–40 °C to +85 °C
1
Storage temperature
–65 °C to +125 °C
Voltage on any signal (except VCC, VPP)
–0.5 V to +4.1 V
2
VPP voltage
–0.2 V to +10 V
2,3,4
VCC voltage
–0.2 V to +2.5 V
2
VCCQ voltage
–0.2 V to +4.1 V
2
Output short circuit current
100 mA
5
Notes:
1.
Temperature for 1-Gbit SCSP is –30 °C to +85 °C.
2.
Voltages shown are specified with respect to VSS. Minimum DC voltage is –0.5 V on input/output
signals and –0.2 V on VCC, VCCQ, and VPP. During transitions, this level may undershoot to –2.0 V for
periods < 20 ns. Maximum DC voltage on VCC is VCC + 0.5 V, which, during transitions, may
overshoot to VCC + 2.0 V for periods < 20 ns. Maximum DC voltage on input/output signals and VCCQ
is VCCQ + 0.5 V, which, during transitions, may overshoot to VCCQ + 2.0 V for periods < 20 ns.
3.
Maximum DC voltage on VPP may overshoot to +11.5 V for periods < 20 ns.
4.
Program/erase voltage is typically 1.7 V – 2.0 V. 9.0 V can be applied for 80 hours maximum total, to
any blocks for 1000 cycles maximum. 9.0 V program/erase voltage may reduce block cycling
capability.
5.
Output shorted for no more than one second. No more than one output shorted at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com