Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2CNN Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # A2CNN
Description  Adversarial adaptive 1-D convolutional neural networks for bearing fault diagnosis under varying working condition
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A2CNN Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  A2CNN Datasheet HTML 1Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 2Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 3Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 4Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 5Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 6Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 7Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 8Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
It’s obvious that if two domains perfectly overlap with each other, (hd) ≈ 0.5, and ˆ
dH∆H(S, T ) ≈
0. On the contrary, if two domains are completely distinct from each other, (hd) ≈ 0, and
ˆ
dH∆H(S, T ) ≈ 1. Therefore, ˆ
dH∆H(S, T ) ∈ [0, 1]. The lower the value is, the smaller two domains
divergence.
2.3. Generative Adversarial Networks
In 2014, Goodfellow et al. proposed a novel method named Generative Adversarial Networks
(GAN). A GAN consists of two part: a generator G that synthesizes data whose distribution
closely matches that of the real data, and a discriminator D that estimates the probability that a
sample came from the real data rather than G [36].
Similar to Section 2.2, real data are labeled with 0 and data generated by G are labeled with
1. The discriminator is trained to maximize the probability of assigning the correct label to both
real samples and samples from G [36]. While, the training procedure for G is to maximize the
probability of D making mistake. Therefore, the two models G and D formulated as a two-
player minimax game, are trained simultaneously. A unique solution exists with G recovering
the real data and D is unable to distinguish between real and generated samples, i.e. D(x)
= 0.5
everywhere [36].
By comparing DA, domain divergence measure dH∆H and GAN, we observe that they have
a similar objective, that is, finding a feature representation that the data drawn from di
fferent
distributions or di
fferent domains have the same distribution and perfectly overlap with each
other after mapping to the learned feature space. As a result, a domain discriminator (resp.
classifier) cant distinguish between the real (resp. the source domain) data and the generated
(resp. the target domain) data.
3. Proposed adversarial adaptive 1-D CNN
3.1. Problem Formalization
Let the labeled source domain data as DS
= {(xi
S , y
i
S )
}|
NS
i
=1, where x
i
S
∈ Rm×1 is the data
instance and yi
S
∈ {1, ..., K} is the corresponding class label. While, DT
= {(xi
T )
}|
NT
i
=1 is the
unlabeled target domain data. Here, NS and NT are the numbers of instances in DS and DT . In
addition, each data instance is pseudo-labeled with a domain label d ∈ {0, 1} respectively, which
indicates whether the instance comes from the source domain (d
= 0) or from the target domain
(d
= 1).
The overall framework of the proposed Adversarial Adaptive 1-D CNN (A2CNN) is shown in
Figure 1. It includes a source feature extractor MS , a target feature extractor MT , a label classifier
C
and a domain discriminator D, which together form a deep feed-forward architecture that maps
each input sample xi
S (resp. x
i
T ) to a K-dimensional feature vector MS (x
i
S ) (resp. MT (x
i
T )) (K
equals to the number of class label) and predicts its class label y ∈ {1, ..., K} and its domain label
d ∈ {
0, 1}.
Compared with the traditional deep domain adaptation models, the proposed framework is
more like an adversarial learning framework similar to GAN. The parameters of C and D should
be optimized to minimizes the label prediction loss S (C) (for the labeled source domain) and
the domain classification loss (D) (for all domains). And the parameters of the feature extractor
MS and MT should be discriminative to minimize S (C) and domain-invariant to maximize (D).
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com