Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM7325 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7325
Description  300mA Low Power LDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7325 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7325 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7325 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7325 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7325 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7325 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7325 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7325 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7325 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7325 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
H 7330xx, +3.0V Output Type
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
4V
IOUT=40mA
2.94
3.00
3.06
V
IOUT
Output Current
4V
-
250
-
-
mA
Δ
VOUT
Load Regulation
4V
1mA≤IOUT≤80mA
-
45
90
mV
VDIF
Voltage Drop(Note)
-
IOUT=40mA, ΔVOUT=2%
-
100
-
mV
ISS
Current Consumption
4V
No load
-
2.5
3
μ
A
OUT
IN
Δ
OUT
V
V
V
×
Δ
Line Regulation
-
4V≤VIN≤12V
IOUT=40mA
-
0.2
-
%/V
VIN
Input Voltage
-
-
-
-
15
V
Temperature Coefficient
4V
IOUT=40mA
-40℃<Ta<85℃
-
±
0.5
-
mV/℃
Ta
V
OUT
Δ
Δ
Note: Dropout voltage is defined as the input voltage minus the output voltage that produces a 2%
change in the output voltage from the value at VIN = VOUT+1V with a fixed load.
H 7333xx, +3.3V Output Type
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
4.3V
IOUT=40mA
3.234
3.300
3.366
V
IOUT
Output Current
4.3V
-
250
-
-
mA
Δ
VOUT
Load Regulation
4.3V
1mA≤IOUT≤80mA
-
45
90
mV
VDIF
Voltage Drop(Note)
-
IOUT=40mA, ΔVOUT=2%
-
100
-
mV
ISS
Current Consumption
4.3V
No load
-
2.5
3
μ
A
OUT
IN
Δ
OUT
V
V
V
×
Δ
Line Regulation
-
4.3V≤VIN≤12V
IOUT=40mA
-
0.2
-
%/V
VIN
Input Voltage
-
-
-
-
15
V
Temperature Coefficient
4.3V
IOUT=40mA
-40℃<Ta<85℃
-
±
0.5
-
mV/℃
Ta
V
OUT
Δ
Δ
Note: Dropout voltage is defined as the input voltage minus the output voltage that produces a 2%
change in the output voltage from the value at VIN = VOUT+1V with a fixed load.
Ver1.0 
4 
Mar 3,2010 
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
                    
    
0mA Low Po
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com