Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79514 Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM79514
Description  Subscriber Line Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79514 Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM79514 Datasheet HTML 2Page - Advanced Micro Devices AM79514 Datasheet HTML 3Page - Advanced Micro Devices AM79514 Datasheet HTML 4Page - Advanced Micro Devices AM79514 Datasheet HTML 5Page - Advanced Micro Devices AM79514 Datasheet HTML 6Page - Advanced Micro Devices AM79514 Datasheet HTML 7Page - Advanced Micro Devices AM79514 Datasheet HTML 8Page - Advanced Micro Devices AM79514 Datasheet HTML 9Page - Advanced Micro Devices AM79514 Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Am79514 Data Sheet
ELECTRICAL CHARACTERISTICS
Description
Test Conditions (See Note 1)
Min
Typ
Max
Unit
Note
Analog (VTX) output impedance
3
20
W
Analog (VTX) output offset
0
°C to +70°C
–40
°C to +85°C
–35
–40
+35
+40
mV
—
4
Analog (RSN) input impedance
300 Hz to 3.4 kHz
1
20
W
Longitudinal impedance
at A or B
35
Overload level
Z2WIN = 600 Ω to 900 Ω
4-wire
2-wire
–3.1
–3.1
+3.1
+3.1
Vpk
2
—
Transmission Performance, 2-Wire Impedance
2-wire return loss
(See Test Circuit D)
300 Hz to 500 Hz
500 Hz to 2500 Hz
2500 Hz to 3400 Hz
26
26
20
dB
4
—
—
Longitudinal Balance (2-Wire and 4-Wire, See Test Circuit C)
Longitudinal to
metallic L-T, L-4
200 Hz to 1 kHz:
–1*
normal polarity
0
°C to +70°C
–2
normal polarity
–40
°C to+85°C
–2
reverse polarity
–2
50
63
58
58
dB
5
1 kHz to 3.4 kHz:
–1*
normal polarity
0
°C to +70°C
–2
normal polarity
–40
°C to +85°C
–2
reverse polarity
–2
52
58
54
54
Longitudinal sum (L-T) + (T-L)
300 to 3400 Hz
95
Longitudinal signal generation
4-L or T-L
300 to 800 Hz
800 to 3400 Hz
40
35
Longitudinal current capability
per wire
Active state
OHT state
17
8
mArms
Insertion Loss (2- to 4-Wire and 4- to 2-Wire, See Test Circuits A and B)
Gain accuracy
0 dBm, 1 kHz,
0
°C to +70°C
0 dBm, 1 kHz,
–40
°C to +85°C
0 dBm, 1 kHz,
0
°C to +70°C
–1*
0 dBm, 1 kHz,
–40
°C to +85°C
–1
–0.15
–0.20
–0.1
–0.15
+0.15
+0.20
+0.1
+0.15
dB
4
4
Variation with frequency
300 Hz to 3400 Hz
Relative to 1 kHz
0
°C to +70°C
–40
°C to +85°C
–0.1
–0.15
+0.1
+0.15
4
Gain tracking
+7 dBm to –55 dBm
0
°C to +70°C
–40
°C to +85°C
–0.1
–0.15
+0.1
+0.15
Note:
* P.G. = Performance Grade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com