Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSD4032DN Datasheet(PDF) 5 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSD4032DN
Description  N-Ch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSD4032DN Datasheet(HTML) 5 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSD4032DN Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD4032DN Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD4032DN Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD4032DN Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD4032DN Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD4032DN Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD4032DN Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
N-Ch MOSFET
WSD4032DN
Page 5
www.winsok.tw
Dec.2014
VDS - Drain - Source Voltage (V)
-50 -25
0
25
50
75 100 125 150
Tj - Junction Temperature (°C)
VSD - Source - Drain Voltage (V)
Source-Drain Diode Forward
Capacitance
Gate Charge
QG - Gate Charge (nC)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
R
ON@Tj=25
oC: 10.5mW
Drain-Source On Resistance
V
GS = 10V
I
DS = 7A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
30
T
j=150
oC
T
j=25
oC
0
8
16
24
32
40
0
200
400
600
800
1000
1200
1400
1600
Frequency=1MHz
Crss
Coss
Ciss
0
4
8
12
16
20
0
1
2
3
4
5
6
7
8
9
10
V
DS= 20V
I
DS= 7A
Typical Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com