Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC32RF83 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 56 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 52Page - Texas Instruments ADC32RF83 Datasheet HTML 53Page - Texas Instruments ADC32RF83 Datasheet HTML 54Page - Texas Instruments ADC32RF83 Datasheet HTML 55Page - Texas Instruments ADC32RF83 Datasheet HTML 56Page - Texas Instruments ADC32RF83 Datasheet HTML 57Page - Texas Instruments ADC32RF83 Datasheet HTML 58Page - Texas Instruments ADC32RF83 Datasheet HTML 59Page - Texas Instruments ADC32RF83 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 138 page
background image
SYNCb
SYSREF
LMFC Clock
LMFC Boundary
xxx
Transmit Data
K28.5
K28.5
ILA
ILA
DATA
DATA
Multi
Frame
Code Group
Synchronization
Initial Lane Alignment
Data Transmission
56
ADC32RF80, ADC32RF83
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.2.1 JESD204B Initial Lane Alignment (ILA)
The receiving device starts the initial lane alignment process by deasserting the SYNCB signal. The SYNCB
signal can be issued using the SYNCB input pins or by setting the proper SPI bits. When a logic low is detected
on the SYNCB input, the ADC32RF8x starts transmitting comma (K28.5) characters to establish the code group
synchronization, as shown in Figure 134.
When synchronization completes, the receiving device reasserts the SYNCB signal and the ADC32RF8x starts
the initial lane alignment sequence with the next local multiframe clock boundary. The ADC32RF8x transmits four
multiframes, each containing K frames (K is SPI programmable). Each of the multiframes contains the frame start
and end symbols. The second multiframe also contains the JESD204 link configuration data.
Figure 134. JESD Internal Timing Information
8.4.2.2 JESD204B Frame Assembly
The JESD204B standard defines the following parameters:
•
F is the number of octets per frame clock period
•
L is the number of lanes per link
•
M is the number of converters for the device
•
S is the number of samples per frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com