Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC32RF80IRRHT Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF80IRRHT
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF80IRRHT Datasheet(HTML) 55 Page - Texas Instruments

Back Button ADC32RF80IRRHT Datasheet HTML 51Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 52Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 53Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 54Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 55Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 56Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 57Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 58Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 138 page
background image
Test Patterns
Transport Layer
Scrambler
1+x
14+x15
Comma Characters
Initial Lane
Alignment
Link Layer
JESD204B Block
D[3:0]
SYNCB
Frame Data
Mapping
Copyright © 2016, Texas Instruments Incorporated
8b, 10b
Encoding
JESD
204B
INA
Sample Clock
SysRef
JESD204B
D[3:0]
SYNCB
JESD
204B
INB
JESD204B
D[3:0]
Copyright © 2016, Texas Instruments Incorporated
55
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Device Configuration
The ADC32RF8x can be configured using a serial programming interface, as described in the Serial Interface
section. In addition, the device has one dedicated parallel pin (PDN) for controlling the power-down modes.
8.4.2 JESD204B Interface
The ADC32RF8x supports device subclass 1 with a maximum output data rate of 12.5 Gbps for each serial
transmitter.
An external SYSREF signal is used to align all internal clock phases and the local multiframe clock to a specific
sampling clock edge. This alignment allows synchronization of multiple devices in a system and minimizes timing
and alignment uncertainty. The SYNCB input is used to control the JESD204B SerDes blocks, as shown in
Figure 132.
Depending on the ADC sampling rate, the JESD204B output interface can be operated with one, two, or four
lanes per ADC channel. The JESD204B setup and configuration of the frame assembly parameters is controlled
through the SPI interface.
Figure 132. JESD Signal Overview
The JESD204B transmitter block consists of the transport layer, the data scrambler, and the link layer, as shown
in Figure 133. The transport layer maps the ADC output data into the selected JESD204B frame data format and
manages if the ADC output data or test patterns are transmitted. The link layer performs the 8b, 10b data
encoding as well as the synchronization and initial lane alignment using the SYNC input signal. Optionally, data
from the transport layer can be scrambled.
Figure 133. JESD Digital Block Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com