Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCS596 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS596
Description  SN74HCS596 8-Bit Shift Register With Schmitt-Trigger Inputs and Open-Drain Output Registers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS596 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74HCS596 Datasheet HTML 9Page - Texas Instruments SN74HCS596 Datasheet HTML 10Page - Texas Instruments SN74HCS596 Datasheet HTML 11Page - Texas Instruments SN74HCS596 Datasheet HTML 12Page - Texas Instruments SN74HCS596 Datasheet HTML 13Page - Texas Instruments SN74HCS596 Datasheet HTML 14Page - Texas Instruments SN74HCS596 Datasheet HTML 15Page - Texas Instruments SN74HCS596 Datasheet HTML 16Page - Texas Instruments SN74HCS596 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
In this application, the SN74HCS596 is used to control seven-segment displays. Utilizing the serial output and
combining a few of the input signals, this implementation reduces the number of I/O pins required to control the
displays from sixteen, one per LED, to only four. Unlike other I/O expanders, the SN74HCS596 does not need a
communication interface for control. It can be easily operated with simple GPIO pins. With separate control for
the shift registers and output registers, the desired digit can be displayed while the data for the next digit is
loaded into the shift register. All storage register outputs are open-drain.
The OE pin is used to easily disable the outputs when the displays need to be turned off or connected to a PWM
signal to control brightness. However, this pin can be tied low and the outputs of the SN74HCS596 can be
controlled accordingly to turn off all the outputs reducing the I/O needed to three.
There is no practical limitation to how many SN74HCS596 devices can be cascaded. To add more, the serial
output will need to be connected to the following serial input and the clocks will need to be connected
accordingly. The QH' pin is a push-pull output, which does not require a pull-up resistor to operate. It is also
always active, regardless of the OE pin input state.
At power-up, the initial state of the shift registers and output registers are unknown. To give them a defined state,
the shift register needs to be cleared and then clocked into the output register. An RC circuit can be connected
to the SRCLR pin as shown in the Typical Application Schematic below to initialize the shift register to all zeros.
With the OE pin pulled up with a resistor, this process can be performed while the outputs are in a high
impedance state eliminating any erroneous data causing issues with the displays.
www.ti.com
SN74HCS596
SCLS840 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN74HCS596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com