Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX1208 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1208
Description  TMUX1208-Q1 5-V Bidirectional 8:1 Multiplexer with 1.8-V Logic
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1208 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX1208 Datasheet HTML 1Page - Texas Instruments TMUX1208 Datasheet HTML 2Page - Texas Instruments TMUX1208 Datasheet HTML 3Page - Texas Instruments TMUX1208 Datasheet HTML 4Page - Texas Instruments TMUX1208 Datasheet HTML 5Page - Texas Instruments TMUX1208 Datasheet HTML 6Page - Texas Instruments TMUX1208 Datasheet HTML 7Page - Texas Instruments TMUX1208 Datasheet HTML 8Page - Texas Instruments TMUX1208 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
Pin Functions.................................................................... 3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics (VDD = 5 V ±10 %)............. 5
6.6 Electrical Characteristics (VDD = 3.3 V ±10 %).......... 7
6.7 Electrical Characteristics (VDD = 1.8 V ±10 %).......... 9
6.8 Electrical Characteristics (VDD = 1.2 V ±10 %)........ 11
7 Parameter Measurement Information.......................... 13
7.1 On-Resistance.......................................................... 13
7.2 Off-Leakage Current................................................. 13
7.3 On-Leakage Current................................................. 14
7.4 Transition Time......................................................... 14
7.5 Break-Before-Make...................................................15
7.6 tON(EN) and tOFF(EN) .................................................. 15
7.7 Charge Injection........................................................16
7.8 Off Isolation...............................................................16
7.9 Crosstalk................................................................... 17
7.10 Bandwidth............................................................... 17
8 Detailed Description......................................................18
8.1 Overview................................................................... 18
8.2 Functional Block Diagram......................................... 18
8.3 Feature Description...................................................18
9 Power Supply Recommendations................................21
10 Layout...........................................................................22
10.1 Layout Guidelines................................................... 22
10.2 Layout Example...................................................... 22
11 Device and Documentation Support..........................24
11.1 Third-Party Products Disclaimer............................. 24
11.2 Documentation Support.......................................... 24
11.3 Receiving Notification of Documentation Updates.. 24
11.4 Support Resources................................................. 24
11.5 Trademarks............................................................. 24
12 Electrostatic Discharge Caution................................ 24
13 Glossary....................................................................... 24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (August, 2019) to Revision A (July, 2020)
Page
• Releasing data sheet as production data .......................................................................................................... 1
TMUX1208-Q1
SCDS415A – AUGUST 2019 – REVISED JULY 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMUX1208-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com