Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79534-2DC Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM79534-2DC
Description  Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79534-2DC Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM79534-2DC Datasheet HTML 1Page - Advanced Micro Devices AM79534-2DC Datasheet HTML 2Page - Advanced Micro Devices AM79534-2DC Datasheet HTML 3Page - Advanced Micro Devices AM79534-2DC Datasheet HTML 4Page - Advanced Micro Devices AM79534-2DC Datasheet HTML 5Page - Advanced Micro Devices AM79534-2DC Datasheet HTML 6Page - Advanced Micro Devices AM79534-2DC Datasheet HTML 7Page - Advanced Micro Devices AM79534-2DC Datasheet HTML 8Page - Advanced Micro Devices AM79534-2DC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Am7953X Data Sheet
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be supported
in volume for this device. Consult the local AMD sales office to
confirm availability of specific valid combinations, to check on
newly released combinations, and to obtain additional data on
AMD’s standard military grade products.
Note:
* Functionality of the device from 0
°C to +70°C is guaranteed by production testing. Performance from –40°C to +85°C is
guaranteed by characterization and periodic sampling of production units.
Am7953X
J
C
PERFORMANCE GRADE
Blank = Standard Specification
–1 = Performance Grading
–2 = Performance Grading
OPERATING CONDITIONS
C= Commercial (0
°C to 70°C)*
PACKAGE TYPE
J = 32-Pin Plastic-Leaded Chip Carrier (PL 032)
DEVICE NUMBER/DESCRIPTION
Am7953X
Subscriber Line Interface Circuit
Valid Combinations
Am7953X
–1
–2
DC
JC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com