Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6D11 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6D11
Description  Low-Noise, Precision, 90 MHz Differential I/O Amplifier
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6D11 Datasheet(HTML) 4 Page - Microchip Technology

  MCP6D11 Datasheet HTML 1Page - Microchip Technology MCP6D11 Datasheet HTML 2Page - Microchip Technology MCP6D11 Datasheet HTML 3Page - Microchip Technology MCP6D11 Datasheet HTML 4Page - Microchip Technology MCP6D11 Datasheet HTML 5Page - Microchip Technology MCP6D11 Datasheet HTML 6Page - Microchip Technology MCP6D11 Datasheet HTML 7Page - Microchip Technology MCP6D11 Datasheet HTML 8Page - Microchip Technology MCP6D11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
MCP6D11
DS20006162A-page 4
 2019 Microchip Technology Inc.
Noise and Distortion
Input Noise Voltage Density
eni
—5.0
—
nV/√Hz
C
at f > 10 kHz
Input Noise Current Density
ini
—0.6
—
pA/√Hz
C
at f ≥ 100 kHz
2nd Order Harmonic Distortion
HD2
—
-137
—
dBc
C
f = 10 kHz, 2Vpp, VDD =3V
—
-138
—
f = 10 kHz, 2Vpp, VDD =5V
—
-118
—
f = 100 kHz, 2Vpp, VDD =3V
—
-120
—
f = 100 kHz, 2Vpp, VDD =5V
3rd Order Harmonic Distortion
HD3
—
-137
—
dBc
C
f = 10 kHz, 2Vpp, VDD =3V
—
-137
—
f = 10 kHz, 2Vpp, VDD =5V
—
-116
—
f = 100 kHz, 2Vpp, VDD =3V
—
-116
—
f = 100 kHz, 2Vpp, VDD =5V
DC ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, TA = 25°C, VDD = +2.5V to 5.5V, VSS =0V, PD\ = VDD, VOCM = open,
VICM =VDD/2, Single-ended input, G = 1V/V, RF =RG =1 kRL =1 kbetween differential outputs.
Parameters
Sym.
Min.
Typ.
Max.
Units
Test
Level
(Note 1)
Conditions
Input Offset
Input Offset Voltage
VOS
-150
±25
+150
µV
A
Input Offset Voltage Drift
VOS/TA
-2.0
±0.5
+2.0
µV/°C
B
TA = -40°C to +125°C
(Note 4)
Power Supply Rejection
PSRR
100
117
—
dB
A
Input Bias Current and Impedance
Input Bias Current
IB+, IB-
-1.7
-0.7
—
µA
A
(Note 3)
Input Bias Current,
across Temperature
-1.9
-0.8
-0.4
µA
B
TA = +85°C
-2.1
-1.1
-0.5
µA
B
TA = +125°C
Input Bias Current Drift
IB/TA
-3.6
±2.75
+3.6
nA/°C
B
TA = -40°C to +125°C
(QFN) (Note 4)
Input Offset Current
IOS
-60
±10
+60
nA
A
Input Offset Current Drift
IOS/TA
-130
±40
+130
pA/°C
B
TA = -40°C to +125°C
(QFN) (Note 4)
Differential Input Impedance
ZDIFF
—
88||1.0
—
k
||pF
C
Note 1:
“Test Level” designation: A = 100% production tested at 25°C; B = not production tested, limits set by characterization
and/or simulation, C = values for information only (based on characterization or design).
2:
The VICM spec is supported by the CMRR tests.
3:
Negative polarity sign indicates current flowing out of node.
4:
Based on data taken at the temperature range end-points (-40°C, +125°C) and calculated deltas are divided by the tem-
perature range. The Max./Min. specifications are set using +/-4 standard deviations on the device distribution.
AC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA = 25°C, VDD = +2.5V to 5.5V, VSS =0V, PD\ = VDD, VOCM = open,
VICM =VDD/2, Single-ended input, G = 1V/V, RF =RG =1 k, RL =1 k between differential outputs.
Parameters
Sym.
Min.
Typ. Max.
Units
Test
Level
(Note 1)
Conditions
Note 1:
“Test Level” designation: A = 100% production tested at 25°C; B = not production tested, limits set by characterization
and/or simulation, C = values for information only (based on characterization or design).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com