Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF70P03 Datasheet(PDF) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF70P03
Description  P-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF70P03 Datasheet(HTML) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF70P03 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF70P03 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF70P03 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF70P03 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF70P03 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
20
40
60
80
100
120
140
160
180
200
01
23
4
5
VGS=-10V
VGS=-7V
VGS=-5V
VGS=-4.5V
VGS=-3V
7
8
9
10
11
12
13
46
8
10
ID=-30A
0
2
4
6
8
10
12
0.2
0.4
0.6
0.8
1
TJ=150℃
TJ=25℃
0
2
4
6
8
10
0
2040
6080
ID=-15A
VDS=15V
VDS=24V
0
0.5
1
1.5
-50
0
50
100
150
0.5
1.0
1.5
2.0
-50
0
50
100
150
Typical Characteristics
-VDS Drain-to-Source Voltage (V)
Fig.1 Typical Output Characteristics
-VGS (V)
Fig.2 On-Resistance v.s Gate-Source
-VSD , Source-to-Drain Voltage (V)
Fig.3 Forward Characteristics Of Reverse
QG , Total Gate Charge (nC)
Fig.4 Gate-Charge Characteristics
TJ ,Junction Temperature ( ℃)
Fig.5 Normalized VGS(th) v.s TJ
TJ , Junction Temperature (℃)
Fig.6 Normalized RDSON v.s TJ
WSF70P03
P-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com