Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM285 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DM285
Description  INDUSTRIAL IMAGING MULTIMETERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM285 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DM285 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM285 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SP E CIFIC A TIONS
Equipment described herein is subject to US export
regulations and may require a license prior to export.
Diversion contrary to US law is prohibited. Imagery for
illustration purposes only. Specifications are subject to
change without notice. ©2019 FLIR Systems, Inc. All
rights reserved. Revised 10/01/19
17-2459-INS-TAM
CORPORATE
HEADQUARTERS
FLIR Systems, Inc.
27700 SW Parkway Ave.
Wilsonville, OR 97070
PH: +1 877.773.3547
NASHUA
FLIR Systems, Inc.
9 Townsend West
Nashua, NH 03063
USA
PH: +1 866.477.3687
LATIN AMERICA
FLIR Systems Brasil
Av. Antonio Bardella, 320
Sorocaba, SP 18085-852
Brasil
PH: +55 15 3238 8070
CANADA
FLIR Systems, Ltd.
3430 South Service Rd, Suite 103
Burlington, ON L7N 3T9
Canada
PH: +1 800.613.0507
www.flir.com
NASDAQ: FLIR
Specifications are subject to change without notice. For the
most up-to-date specs, go to www.flir.com
Thermal Imaging
DM284
DM285
IR Resolution
160 × 120 (19,200 pixels)
160 × 120 (19,200 pixels)
Thermal Imaging Detector
FLIR Lepton® microbolometer
FLIR Lepton® microbolometer
Temperature Sensitivity
≤150 mK
≤150 mK
Emissivity Settings
4 presets with custom
adjustment
4 presets with custom
adjustment
Temperature Accuracy
3°C or 3% whichever is
greater
3°C or 3% whichever is
greater
Temperature Range
14°F to 302°F (-10°C to 150°C)
14°F to 302°F (-10°C to 150°C)
Field of View
50° × 38°
50° × 38°
Laser Pointer
Yes
Yes
Focus
Fixed
Fixed
Thermal Imaging Palette
Iron, Rainbow, Grayscale
Iron, Rainbow, Grayscale
Level & Span
Auto
Auto
Measurements-Both Models
True RMS
Yes
Range
Basic Accuracy
AC / DC Voltage
1000 V
±1.0% / 0.09%
AC / DC mV
600.0 mV
±1.0% / 0.5%
VFD AC Voltage
1000 V
±1.0%
AC / DC LoZ V
1000 V
±2.0%
AC / DC Current
10.00 A
±1.5% / 1.0%
AC / DC mA
400.0 mA
±1.5% / 1.0%
AC / DC µA
4,000 μA
±1.0%
Resistance
6.000 MΩ
50.00 MΩ
±0.9%
±3.0%
Capacitance
10.00 mF
±1.9%
Diode Test
1.500 V
0.400 V to 0.800 V, typical
reading
Flex Clamp Range
3000 A AC (Optional TA72/74)
±3.0% + 5 digits
Frequency
100.00 kHz
±0.1%
Temperature, Type-K
Thermocouple
-40.0°F to 752.0°F
-40.0°C to 400.0°C
±1.0% + 5.4°F
±1.0% + 3°C
Additional Measurements DM284
DM285
Continuity Check
600 Ω
20 Ω and 200 Ω
Measuring Rate
3 samples per second
3 samples per second
Min/Max/Avg
Yes
Yes
General Information
Connectivity
Bluetooth®
Data Logging & Storage
10 sets of 40k scalar
measurements, 100 images
Auto Power Off
Yes
Yes
Worklights
Yes
Yes
Display Size
2.8 in TFT screen
2.8 in TFT screen
Battery
4 AAA batteries;
optional TA04 Li-Poly
rechargeable battery
3 AA batteries;
optional TA04 Li-Poly
rechargeable battery
Drop Test
3 m
3 m
IP Rating
IP54
IP40
Safety Category Rating
CAT III-1000V, CAT IV-600V
CAT III-1000V, CAT IV-600V
Size (L × W × H)
200 × 95 × 49 mm
(7.9 × 3.7 × 1.9 in)
200 × 95 × 49 mm
(7.9 × 3.7 × 1.9 in)
Weight
537 g (18.9 oz)
537 g (18.9 oz)
Warranty
10 year on product and
detector
10 year on product and
detector
Box Contents
Multimeter, batteries, silicone test leads, test lead storage/
tripod accessory, Type-K thermocouple, alligator probes,
soft carrying case (DM285 only)
Ordering Information
Order #
FLIR DM285 Industrial Imaging Multimeter with Datalogging,
Connectivity, IGM
793950372876
FLIR DM284 Imaging True RMS Industrial Multimeter with IGM
793950372845



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com