Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPJ344 Datasheet(PDF) 4 Page - Compex Systems Pte. Lte.

Part # WPJ344
Description  Multi-function AR9344 Embedded Board with on-board Wireless
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPEX [Compex Systems Pte. Lte.]
Direct Link  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

WPJ344 Datasheet(HTML) 4 Page - Compex Systems Pte. Lte.

  WPJ344 Datasheet HTML 1Page - Compex Systems Pte. Lte. WPJ344 Datasheet HTML 2Page - Compex Systems Pte. Lte. WPJ344 Datasheet HTML 3Page - Compex Systems Pte. Lte. WPJ344 Datasheet HTML 4Page - Compex Systems Pte. Lte. WPJ344 Datasheet HTML 5Page - Compex Systems Pte. Lte. WPJ344 Datasheet HTML 6Page - Compex Systems Pte. Lte. WPJ344 Datasheet HTML 7Page - Compex Systems Pte. Lte.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
wireless embedded boards
Compex Systems Pte Ltd | www.compex.com.sg | (+65) 6286 2086 | sales@compex.com.sg | Last Updated: 03/07/2020 SL
Copyright © Compex Systems. All rights reserved. COMPEX and the COMPEX logo, are registered trademarks of Compex Systems Pte Ltd.
While every effort is made to ensure the information is accurate, Compex does not accept liability for any errors or mistakes that may arise.
All specifications are subject to change without notice.
Component Map
Ethernet
Port LAN0
6 x LED
Indicators
JTAG 14 Pin
Connector
Mini PCI-e
Slot
2 x U.FL
Connectors
4 Pin
USB Header
LED 14 Pin
Connector
3.3V
Power Header
Buzzer
Ethernet
Port LAN1
DC Jack
Serial 4 Pin
Connector
Reset Button
CompexWRT Features
It is developed based on the OpenWRT platform and features
the latest Qualcomm Atheros drivers with LuCI web interface.
It combines all of the best in one system. It offers many levels
of customization.
Powerful Wireless Features
•
Qualcomm Atheros Drivers
•
Native 802.11ac Support
•
Wireless Distribution System (WDS) AP and Client Mode
•
Seamless Mesh Networking
Enhanced Control
•
User-friendly LuCI Graphical User Interface
•
Works with Compex Network Management System (CNMS)
•
Powerful Network Diagnostic Utilities
•
Real-time Network Load Graphs
Find out more at http://wiki.compex.com.sg/



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com