Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATII-8C Datasheet(PDF) 3 Page - Contec Co., Ltd

Part # ATII-8C
Description  Isolation function extension accessories
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

ATII-8C Datasheet(HTML) 3 Page - Contec Co., Ltd

  ATII-8C Datasheet HTML 1Page - Contec Co., Ltd ATII-8C Datasheet HTML 2Page - Contec Co., Ltd ATII-8C Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ver.1.01
ATII-8C
3
Accessories
This product is not upper compatible with the ATII-8, ATII-8A.
The differences in specification are listed below.
Parameter
ATII-8 Specification
ATII-8A Specification
ATII-8C Specification
Number of input channels 8 isolation input channels ←Same as ATII-8
←
Same as ATII-8A
Input range
-10V - +10V
(Voltage input)
-40mA - +40mA
(Current input)
←
Same as ATII-8
←
Same as ATII-8A
Input gain
1 or 25 - 200
(Adjustable by trimmer)
(Jumper selectable)
1 or 200
(Jumper selectable)
←
Same as ATII-8A
Input impedance
1MΩ or more
1MΩ or more
(Voltage input selected)
(Power supply ON)
1kΩ or more
(Voltage input selected)
(Power supply OFF)
←
Same as ATII-8A
Isolation voltage
Between input and output :
DC500V, Between
channels : DC500V
←
Same as ATII-8
←
Same as ATII-8A
Accuracy
0.0005
±0.1% of FSR (Max.)
±0.025% of FSR (gain = 1)
±0.5% of FSR (gain = 200)
Bandwidth (-3dB)
60kHz
3kHz
1kHz (Gain =1)
1kHz (Gain=200)
Cold junction
compensation circuit
8 channels common
←
Same as ATII-8
←
Same as ATII-8A
Cold junction
compensation accuracy
±0.5°C (20 - 30°C)
←
Same as ATII-8
←
Same as ATII-8A
Warm-up time
15 minutes or more
←
Same as ATII-8
←
Same as ATII-8A
Current consumption
+5VDC 2000mA
+5VDC 700mA
+5VDC 730mA
External power supply
requirement
+5V - +6VDC
←
Same as ATII-8
+5V - +9VDC
Operating condition
0 - 50°C, 20 - 90%
(No condensation)
←
Same as ATII-8
←
Same as ATII-8A
Physical dimension (mm)
105mm x 230mm x
25.5mm
←
Same as ATII-8
←
Same as ATII-8A
Weight
300g
350g
400g



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com