Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIDO5200BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # FIDO5200BBCZ
Description  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5200BBCZ Datasheet(HTML) 1 Page - Analog Devices

  FIDO5200BBCZ Datasheet HTML 1Page - Analog Devices FIDO5200BBCZ Datasheet HTML 2Page - Analog Devices FIDO5200BBCZ Datasheet HTML 3Page - Analog Devices FIDO5200BBCZ Datasheet HTML 4Page - Analog Devices FIDO5200BBCZ Datasheet HTML 5Page - Analog Devices FIDO5200BBCZ Datasheet HTML 6Page - Analog Devices FIDO5200BBCZ Datasheet HTML 7Page - Analog Devices FIDO5200BBCZ Datasheet HTML 8Page - Analog Devices FIDO5200BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Real-Time Ethernet
Multiprotocol (REM) Switch
Data Sheet
fido5100/fido5200
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017–2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
144-lead CSP_BGA RoHS compliant package
−40°C to +105°C industrial temperature range rating
3.3 V input/output buffers
IEEE 802.3, 10 Mbps/100 Mbps, half and full duplex, IPv6 and
IPv4 communication
2 independent Ethernet ports: 1 MII and 1 RMII interface per
port
Support for all industrial protocols
PROFINET Class B and Class C with fast startup (Version 2.3)
EtherNet/IP with QuickConnect, CIP Sync, and CIP Motion
Modbus TCP
EtherCAT
Ethernet POWERLINK
Host interface transfer rate: 32 bits per 28 ns
Supports EtherCAT cycle times down to 12.5 μs and
PROFINET cycle times down to 31.25 μs
PI Net Load Class III capable
DLR (supervisor and node, announce and beacon based),
MRPD, HSR, PRP, shared device, controller redundancy
IEEE 1588 Version 2 support: ordinary clock; both peer to peer
and end to end transparent clocks, raw frames, and UDP
8 independent timer signals synchronized with an internal
precision timer
4 independently programmable timer signals for timer
capture events or timer output events
4 timer signals create programmable periodic waveforms
synchronized to the internal precision timer
DCP, LLDP, DHCP, RSTP, VLAN, IGMP snooping support
Forwarding table with aging and learning
Drive LEDs for link activity
APPLICATIONS
Industrial automation
Process control
Managed Ethernet switch
FUNCTIONAL BLOCK DIAGRAM
TIMER
CONTROL
UNIT
INTERRUPT
CONTROL
HOST
INTERFACE
BUFFER
MEMORY
REM SWITCH
PORT 1
PORT 2
Figure 1.
GENERAL DESCRIPTION
The fido5100 and fido5200 (REM switch) are programmable
IEEE 802.3 10 Mbps/100 Mbps Ethernet Internet Protocol
Version 6 (IPv6) and Internet Protocol Version 4 (IPv4) switches
that support virtually any Layer 2 or Layer 3 protocol. The
switches are personalized to support the desired protocol by
firmware that is downloaded from a host processor.
The firmware is contained in the real-time Ethernet multiprotocol
(REM) switch driver and is downloaded at power-up. The REM
switch can be ready for network data operation in less than 4 ms to
support fast startup and quick connect type network functionality.
The REM switch devices have the same signal assignments as
defined in this data sheet.
The fido5100 supports the following protocols: PROFINET real
time (RT) and isochronous real time (IRT), EtherNet/IP with
and without device level ring (DLR), Modbus TCP, and
POWERLINK.
The fido5200 supports the following protocols: EtherCAT and
all protocols defined for the fido5100.
The REM switch is intended for use with a host processor.
Network operation is handled using the functions and services
provided in the REM switch driver. The host processor can
implement any protocol stack by integrating it with the REM
switch driver. An example application is shown in Figure 11.
The REM switches are available in a 144-ball chip scale package
ball grid array (CSP_BGA) package.
Note that throughout this data sheet, multifunction pins, such
as A02/ALE, are referred to either by the entire pin name or by
a single function of the pin, for example, ALE, when only that
function is relevant.


Similar Part No. - FIDO5200BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
FIDO5200BBCZ AD-FIDO5200BBCZ Datasheet
605Kb / 21P
Real-Time Ethernet Multiprotocol (REM) Switch
Rev. G
More results

Similar Description - FIDO5200BBCZ

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
RTC-8593SA EPSONTOYOCOM-RTC-8593SA Datasheet
377Kb / 2P
Real time clock
RTC-64613 EPSONTOYOCOM-RTC-64613 Datasheet
440Kb / 2P
Real time clock
logo
National Instruments Co...
NICFP-21XX NI-NICFP-21XX Datasheet
408Kb / 6P
Compact FieldPoint LabVIEW Real-Time Controllers with Ethernet
NICFP-2020 NI-NICFP-2020 Datasheet
46Kb / 4P
LabVIEW Real-Time Controller Interfaces with Ethernet
logo
STMicroelectronics
ST802RT1B STMICROELECTRONICS-ST802RT1B Datasheet
596Kb / 58P
10/100 real-time Ethernet 3.3 V transceiver
02-Feb-2010
logo
Advantech Co., Ltd.
ADAM-6117 ADVANTECH-ADAM-6117 Datasheet
339Kb / 1P
8-ch Isolated Analog Input Real-time Ethernet Module
ADAM-6160 ADVANTECH-ADAM-6160 Datasheet
365Kb / 1P
6-ch Relay Real-time Ethernet Module
logo
STMicroelectronics
ST802RT1AFR STMICROELECTRONICS-ST802RT1AFR Datasheet
590Kb / 58P
10/100 real-time Ethernet 3.3 V transceiver
02-Feb-2010
logo
Advantech Co., Ltd.
ADAM-6117 ADVANTECH-ADAM-6117_14 Datasheet
252Kb / 1P
8-ch Isolated Analog Input Real-time Ethernet Module
logo
Red Lion Controls. Inc
ET-DS REDLION-ET-DS Datasheet
494Kb / 2P
Ethernet Real-Time Device Servers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com