Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIDO5210BBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # FIDO5210BBCZ
Description  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5210BBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button FIDO5210BBCZ Datasheet HTML 3Page - Analog Devices FIDO5210BBCZ Datasheet HTML 4Page - Analog Devices FIDO5210BBCZ Datasheet HTML 5Page - Analog Devices FIDO5210BBCZ Datasheet HTML 6Page - Analog Devices FIDO5210BBCZ Datasheet HTML 7Page - Analog Devices FIDO5210BBCZ Datasheet HTML 8Page - Analog Devices FIDO5210BBCZ Datasheet HTML 9Page - Analog Devices FIDO5210BBCZ Datasheet HTML 10Page - Analog Devices FIDO5210BBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet
fido5100/fido5200
Rev. E | Page 7 of 19
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Power Supply
Core Voltage and Periphery Circuitry
1.08 V to 1.32 V
I/O (VCC+3V3)
2.97 V to 3.63 V
PLL Analog
1.08 V to 1.32 V
DC Input Voltage
−0.5 V to +3.8 V
Operating Temperature Range
Junction
−40°C to +125°C
Ambient
−40°C to +85°C
Storage Temperature (No Bias) Range
−65°C to +150°C
Electrostatic Discharge (ESD) Voltage,
Human Body Model
−2000 V to +2000 V
Lead Temperature (Soldering)
J-STD-020C1
Power Dissipation
172.6 mW
1
Compliant with JEDEC Standard J-STD-020C and restriction of hazardous
substances (RoHS), Directive 2002/95/EU.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com