Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS29F040-55LI Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS29F040-55LI
Description  5V 512K x 8 CMOS FLASH EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F040-55LI Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS29F040-55LI Datasheet HTML 1Page - Alliance Semiconductor Corporation AS29F040-55LI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS29F040-55LI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS29F040-55LI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS29F040-55LI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS29F040-55LI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS29F040-55LI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS29F040-55LI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS29F040-55LI Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
Copyright ©2000 Alliance Semiconductor. All rights reserved.
®
$65<)373
$65<)373
$65<)373
$65<)373
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
4444
89#845.ð;#&026#)ODVK#((3520
89#845.ð;#&026#)ODVK#((3520
89#845.ð;#&026#)ODVK#((3520
89#845.ð;#&026#)ODVK#((3520
)HDWXUHV
• Organization:512K words × 8 bits
• Industrial and commercial temperature
• Sector architecture
- Eight 64K byte sectors
- Erase any combination of sectors or full chip
• Single 5.0±0.5V power supply for read/write operations
• Sector protection
• High speed 55/70/90/120/150 ns address access time
• Automated on-chip programming algorithm
- Automatically programs/verifies data at specified
address
• Automated on-chip erase algorithm
- Automatically preprograms/erases chip or specified
sectors
• 10,000 write/erase cycle endurance
• Low power consumption
- 30 mA maximum read current
- 60 mA maximum program current
- 400 µA typical standby current
• JEDEC standard software, packages and pinouts
- 32-pin TSOP
- 32-pin PLCC
• Detection of program/erase cycle completion
-DQ7 DATA polling
- DQ6 toggle bit
• Erase suspend/resume
- Supports reading data from or programming data to
a sector not being erased
• Low VCC write lock-out below 2.8V
/RJLF#EORFN#GLDJUDP
X decoder
VCC
VSS
Cell matr
Y decoder
Y gating
Data latch
Chip enable
Input/output
buffers
Sector protect
Command
register
Program/erase
control
VCC detector
Erase voltage
generator
Program voltage
generator
Timer
A0–A18
CE
OE
STB
STB
Output enable
Logic
WE
DQ0–DQ7
switches
3LQ#DUUDQJHPHQW
VCC
WE
A17
A14
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
A18
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
DQ4
DQ3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
32
31
30
29
28
27
26
25
24
23
22
21
20
19
15
16
18
17
32-pin TSOP
32-pin PLCC
1
232
31
30
43
29
28
27
26
25
24
23
21
A7
A6
A5
A4
A3
A2
A1
DQ0
VSS
DQ4
DQ6
DQ1
22
5
6
7
8
9
10
11
13
12
17
16
18
19
20
14
15
DQ2
DQ3
DQ5
A0
A14
A13
A8
A9
A11
OE
A10
DQ7
CE
A16
VCC
A17
A12
A15
A18
WE
AS29F040
AS29F040
6HOHFWLRQ#JXLGH
AS29F040-55
AS29F040-70
AS29F040-90
AS29F040-120 AS29F040-150 Unit
Maximum access time
tAA 55
70
90
120
150
ns
Maximum chip enable access time
tCE 55
70
90
120
150
ns
Maximum output enable access time
tOE 25
30
35
50
55
ns


Similar Part No. - AS29F040-55LI

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS29F040 AUSTIN-AS29F040 Datasheet
1Mb / 27P
512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
logo
Micross Components
AS29F040 MICROSS-AS29F040 Datasheet
598Kb / 27P
Sector protection
logo
Austin Semiconductor
AS29F040CW-120/883C AUSTIN-AS29F040CW-120/883C Datasheet
1Mb / 27P
512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
AS29F040CW-120/IT AUSTIN-AS29F040CW-120/IT Datasheet
1Mb / 27P
512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
AS29F040CW-120/Q AUSTIN-AS29F040CW-120/Q Datasheet
1Mb / 27P
512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
More results

Similar Description - AS29F040-55LI

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Winbond
W29C040 WINBOND-W29C040 Datasheet
261Kb / 20P
512K X 8 CMOS FLASH MEMORY
logo
ATMEL Corporation
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
8-Megabit 512K x 16 CMOS Flash Memory
logo
fujitsu semiconductor
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
512K (64K x 8) CMOS FLASH MEMORY
logo
Alliance Semiconductor ...
AS29F010 ALSC-AS29F010 Datasheet
175Kb / 10P
5V 128K x 8 CMOS FLASH EEPROM
AS29F200 ALSC-AS29F200 Datasheet
375Kb / 20P
5V 256K x 8/128K x 8 CMOS FLASH EEPROM
logo
Austin Semiconductor
AS8E512K8 AUSTIN-AS8E512K8 Datasheet
157Kb / 13P
512K x 8 EEPROM EEPROM Module
AS8E512K8 AUSTIN-AS8E512K8_05 Datasheet
150Kb / 13P
512K x 8 EEPROM EEPROM Module
logo
Alliance Semiconductor ...
AS29LV400 ALSC-AS29LV400 Datasheet
227Kb / 25P
3V 512K x 8/256K 횞 16 CMOS Flash EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com