Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM705CUA Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # ASM705CUA
Description  Low Power uP Supervisor Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM705CUA Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button ASM705CUA Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM705CUA Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM705CUA Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM705CUA Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM705CUA Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM705CUA Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM705CUA Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM705CUA Datasheet HTML 13Page - Alliance Semiconductor Corporation ASM705CUA Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ASM705 / 706 / 707 / 708
10 of 16
Notice: The information in this document is subject to change without notice
Low Power µP Supervisor Circuits
ASM813L
rev 1.5
February 2005
Package Dimensions
8-Pin MicroSO
Inches
Millimeteres
Min
Max
Min
Max
A
0.032
0.044
0.81
1.10
A1
0.002
0.006
0.05
0.15
A2
0.030
0.038
0.76
0.97
b
0.012 BSC
0.30 BSC
C
0.004
0.008
0.10
0.20
D
0.114
0.122
2.90
3.10
e
0.0256 BSC
0.65 BSC
E
0.184
0.200
4.67
5.08
E1
0.114
0.122
2.90
3.10
L
0.016
0.026
0.41
0.66
S
0.0206 BSC
0.52 BSC
a
0°6°0°6°
E1
E
D
A
A1
A2
e
b
C
L
a
0.10mm
0.004in
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com