Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E80 Datasheet(PDF) 2 Page - Gilway Technical Lamp

Part # E80
Description  Engineering Catalog 169
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E80 Datasheet(HTML) 2 Page - Gilway Technical Lamp

  E80 Datasheet HTML 1Page - Gilway Technical Lamp E80 Datasheet HTML 2Page - Gilway Technical Lamp E80 Datasheet HTML 3Page - Gilway Technical Lamp E80 Datasheet HTML 4Page - Gilway Technical Lamp E80 Datasheet HTML 5Page - Gilway Technical Lamp E80 Datasheet HTML 6Page - Gilway Technical Lamp E80 Datasheet HTML 7Page - Gilway Technical Lamp E80 Datasheet HTML 8Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
Surface Mount, Gull Wing LEDs
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
1
E90
Clear
200.0mcd 1000.0mcd
30°
1.85V
2.50V
660nm
A
2
E91
Clear
20.0mcd 100.0mcd
30°
2.00V
2.50V
625nm
B
3
E92
Clear
20.0mcd
70.0mcd
30°
2.10V
2.50V
590nm
B
4
E95
Clear
700.0mcd 1300.0mcd
30°
2.00V
2.50V
595nm
B
5
E93
Clear
20.0mcd
70.0mcd
30°
2.20V
2.50V
565nm
B
6
E94
Clear
10.0mcd
40.0mcd
30°
2.25V
2.60V
555nm
B
Tape & Reel packaging is standard, 1,000 LEDs per reel.
Recommended soildering pad, see page 84, number 2.
B
A
ULTRA BRIGHT
RED
HIGH EFFICIENCY
RED
GREEN
ULTRA BRIGHT
YELLOW
YELLOW
PURE
GREEN
Surface Mount LEDs (Rectangular Lens)
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
7
E80
Translucent
70mcd
100mcd
90°
1.85V
2.50V
660nm
C
Red
8
E81
Translucent
12.5mcd
20.0mcd
90°
2.00V
2.50V
625nm
D
Red
9
E82
Translucent
5.0mcd
20.0mcd
90°
2.10V
2.50V
590nm
D
Yellow
10
E83
Translucent
8.0mcd
20.0mcd
90°
2.20V
2.50V
565nm
D
Green
Tape & Reel packaging is standard, 1500 LEDs per reel.
Recommended soldering pad, page 84, number 3.
D
C
YELLOW
ULTRA BRIGHT
RED
HIGH EFFICIENCY
RED
GREEN
54



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com